Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA500
Description  30V 3.5A QUAD POWER HALF BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA500 Datasheet(HTML) 1 Page - STMicroelectronics

  STA500 Datasheet HTML 1Page - STMicroelectronics STA500 Datasheet HTML 2Page - STMicroelectronics STA500 Datasheet HTML 3Page - STMicroelectronics STA500 Datasheet HTML 4Page - STMicroelectronics STA500 Datasheet HTML 5Page - STMicroelectronics STA500 Datasheet HTML 6Page - STMicroelectronics STA500 Datasheet HTML 7Page - STMicroelectronics STA500 Datasheet HTML 8Page - STMicroelectronics STA500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
STA500
January 2006
■ MINIMUM INPUT OUTPUT PULSE WIDTH
DISTORTION
■ 200m
Ω RdsON COMPLEMENTARY DMOS
OUTPUT STAGE
■ CMOS COMPATIBLE LOGIC INPUTS
■ THERMAL PROTECTION
■ THERMAL WARNING OUTPUT
■ OVERVOLTAGE, UNDERVOLTAGE
PROTECTION
DESCRIPTION
STA500 is a monolithic quad half bridge stage in Mul-
tipower BCD Technology. The device can be used as
dual bridge or reconfigured, by connecting CONFIG
pin to Vdd pin, as single bridge with double current
capability, and as half bridge (Binary mode) with half
current capability.
The device is particulary designed to make the output
stage of a stereo All-Digital High Efficiency (DDX™)
amplifier capable to deliver 30 + 30W output power
on 8
Ω load and 60W on 8Ω load in bridge BTL con-
figuration or mono 60W on 4
Ω load. The input pins
have threshold proportional to Ibias pin voltage.
PowerSO36
ORDERING NUMBER: STA500
30V 3.5A QUAD POWER HALF BRIDGE
AUDIO APPLICATION CIRCUIT (Dual BTL)
L18 22
µH
L19 22
µH
C30
1
µF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
µF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
1
µF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
µH
L112 22
µH
C32
1
µF
+VCC
C108
470nF
C33
1
µF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148B
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
MULTIPOWER BCD TECHNOLOGY
Rev. 7


Similar Part No. - STA500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
More results

Similar Description - STA500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
40V 3.5A DOUBLE POWER HALF BRIDGE
Dec-2003
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
40V 3.5A quad power half bridge
18-May-2006
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com