Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529Q Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA529Q
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 17Page - STMicroelectronics STA529Q Datasheet HTML 18Page - STMicroelectronics STA529Q Datasheet HTML 19Page - STMicroelectronics STA529Q Datasheet HTML 20Page - STMicroelectronics STA529Q Datasheet HTML 21Page - STMicroelectronics STA529Q Datasheet HTML 22Page - STMicroelectronics STA529Q Datasheet HTML 23Page - STMicroelectronics STA529Q Datasheet HTML 24Page - STMicroelectronics STA529Q Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
STA529
PLL
21/58
Example 1:
FXTI = 13 MHz
Fs = 44.1 kHz
IDF should be equal to 3 otherwise LDF become less than 8 (FRAC_CTRL must be 1):
LDF = floor(45.1584/(13/IDF)) = 10
FRACT = round([(45.1584/(13/ IDF))-floor(45.1584/(13/ IDF))]*216) = 27602
(where:
floor: rounded towards zero
round: rounded real number to nearest integer)
Using the above configuration, the system clock is 45.15841675 MHz, the approximate
static error is 16 Hz (that is, 0.5 ppm).
Example 2:
FXTI = 19.2 MHz
Fs = 48 kHz
IDF should be equal to 4 otherwise LDF become less than 8 (FRAC_CTRL must be 1):
LDF = floor(49.152/(19.2/IDF)) = 10
FRACT = round([(49.152/(19.2/IDF))-floor(49.152/(19.2/IDF))]*216) = 15728
Using the above configuration, the system clock is 49.151953125 MHz, the approximate
static error is 47 Hz (that is, 1 ppm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com