Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529Q Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA529Q
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 24Page - STMicroelectronics STA529Q Datasheet HTML 25Page - STMicroelectronics STA529Q Datasheet HTML 26Page - STMicroelectronics STA529Q Datasheet HTML 27Page - STMicroelectronics STA529Q Datasheet HTML 28Page - STMicroelectronics STA529Q Datasheet HTML 29Page - STMicroelectronics STA529Q Datasheet HTML 30Page - STMicroelectronics STA529Q Datasheet HTML 31Page - STMicroelectronics STA529Q Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Serial audio interface
STA529
28/58
8.3
Slave mode
In this mode, pins BICLKI/O and pins LRCLKI/O are configured as inputs.
Figure 8.
Slave mode
Table 17.
Slave mode
Parameter
Symbol
Min
Typ
Max
Unit
BICLK cycle time
tBCY
50
ns
BICLK pulse width high
tBCH
20
ns
BICLK pulse width low
tBCL
20
ns
LRCLKI/LRCLKO setup time to BICLK strobing edge
tLRSU
10
ns
LRCLKI/LRCLKO hold time to BICLK strobing edge
tLRH
10
ns
SDATAO setup time to BICLK strobing edge
tDS
10
ns
SDATAO hold time to BICLK strobing edge
tDH
10
ns
SDATAI propagation delay from BICLK active edge
tDD
010
ns
BICLKI/
BICLKO
LRCLKI/
LRCLKO
SDATAO
SDATAI
tBCH
tBCL
tBCY
tDS
tLRH
tLRSU
tDH
tDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com