Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45N10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45N10
Description  N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N10 Datasheet(HTML) 1 Page - STMicroelectronics

  STP45N10 Datasheet HTML 1Page - STMicroelectronics STP45N10 Datasheet HTML 2Page - STMicroelectronics STP45N10 Datasheet HTML 3Page - STMicroelectronics STP45N10 Datasheet HTML 4Page - STMicroelectronics STP45N10 Datasheet HTML 5Page - STMicroelectronics STP45N10 Datasheet HTML 6Page - STMicroelectronics STP45N10 Datasheet HTML 7Page - STMicroelectronics STP45N10 Datasheet HTML 8Page - STMicroelectronics STP45N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STP45N10
STP45N10FI
N - CHANNEL 100V - 0.027
Ω - 45A - TO-220/TO-220FI
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 0.027
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMP DRIVERS. Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STP45N10
STP45N10FI
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
100
V
VGS
Gate-source Voltage
± 25
V
ID
Drain Current (continuous) at Tc = 25
o C45
24
A
ID
Drain Current (continuous) at Tc = 100
oC32
17
A
IDM(
•)
Drain Current (pulsed)
180
180
A
Ptot
Total Dissipation at Tc = 25
oC150
45
W
Derating Factor
1
0.3
W/
oC
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TYPE
VDSS
RDS(on)
ID
STP45N10
STP45N10FI
100 V
100 V
< 0.035
Ω
< 0.035
Ω
45 A
24 A
June 1998
1
2
3
TO-220
ISOWATT220
1
2
3
1/10


Similar Part No. - STP45N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP45N10 ISC-STP45N10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
logo
Inchange Semiconductor ...
STP45N10F7 ISC-STP45N10F7 Datasheet
272Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP45N10F7 VBSEMI-STP45N10F7 Datasheet
969Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP45N10FI ISC-STP45N10FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP45N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
Apr-1998
STP16N10L STMICROELECTRONICS-STP16N10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
Mar-1999
STP45NE06 STMICROELECTRONICS-STP45NE06 Datasheet
90Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET
Jun-1998
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP4N20 STMICROELECTRONICS-STP4N20 Datasheet
82Kb / 8P
N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
Feb-1999
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
May-1999
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
logo
E-CMOS Corporation
EC731030D E-CMOS-EC731030D Datasheet
429Kb / 7P
100V , 45A N-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com