Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45N10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP45N10
Description  N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N10 Datasheet(HTML) 2 Page - STMicroelectronics

  STP45N10 Datasheet HTML 1Page - STMicroelectronics STP45N10 Datasheet HTML 2Page - STMicroelectronics STP45N10 Datasheet HTML 3Page - STMicroelectronics STP45N10 Datasheet HTML 4Page - STMicroelectronics STP45N10 Datasheet HTML 5Page - STMicroelectronics STP45N10 Datasheet HTML 6Page - STMicroelectronics STP45N10 Datasheet HTML 7Page - STMicroelectronics STP45N10 Datasheet HTML 8Page - STMicroelectronics STP45N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
TO220
ISOWATT220
Rthj-case
Thermal Resistance Junction-case
Max
1
3.33
oC/W
Rthj-amb
Rthc-sink
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max,
δ < 1%)
45
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25
oC, ID = IAR, VDD = 25 V)
400
mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µA
VGS = 0
100
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating x 0.8
VDS = Max Rating x 0.8
Tc = 125
oC
10
1
50
µA
µA
IGSS
Gate-Source Leakage
Current (VDS = 0)
VGS =
± 20 V
± 100
mA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold
Voltage
VDS = VGS
ID = 250
µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 22.5 A
VGS = 10 V
ID = 22.5 A Tc = 100
o C
0.027
0.035
0.07
ID(on)
On State Drain Current VDS > ID(on) x RDS(on)max
VGS = 10 V
45
A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS > ID(on) x RDS(on)max
ID = 22.5 A
20
40
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V
f = 1 MHz
VGS = 0
4100
600
150
5200
800
220
pF
pF
pF
STP45N10/FI
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com