Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CB6/XXX Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST6253CB6/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CB6/XXX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST6253CB6/XXX Datasheet HTML 62Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 63Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 64Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 65Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 66Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 67Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 68Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 69Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
66/84
ST62T53C/T60C/T63C ST62E60C
6.2 RECOMMENDED OPERATING CONDITIONS
Notes:
1. Care must be taken in case of negative current injection, where adapted impedance must be respected on analog sources to not affect the
A/D conversion. For a -1mA injection, a maximum 10 K
Ω is recommended.
2.An oscillator frequency above 1MHz is recommended for reliable A/D results
Figure 36. Maximum Operating FREQUENCY (Fmax) Versus SUPPLY VOLTAGE (V
DD)
The shaded area is outside the recommended operating range; device functionality is not guaranteed under these conditions.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
TA
Operating Temperature
6 Suffix Version
1 Suffix Version
3 Suffix Version
-40
0
-40
85
70
125
°C
VDD
Operating Supply Voltage
(Except ST626xB ROM devices)
fOSC = 4MHz, 1 & 6 Suffix
fOSC = 4MHz, 3 Suffix
fosc= 8MHz , 1 & 6 Suffix
fosc= 8MHz , 3 Suffix
3.0
3.0
3.6
4.5
6.0
6.0
6.0
6.0
V
Operating Supply Voltage
(ST626xB ROM devices)
fOSC = 4MHz, 1 & 6 Suffix
fOSC = 4MHz, 3 Suffix
fosc= 8MHz , 1 & 6 Suffix
fosc= 8MHz , 3 Suffix
3.0
3.0
4.0
4.5
6.0
6.0
6.0
6.0
V
fOSC
Oscillator Frequency2)
(Except ST626xB ROM devices)
VDD = 3.0V, 1 & 6 Suffix
VDD = 3.0V , 3 Suffix
VDD = 3.6V , 1 & 6 Suffix
VDD = 3.6V , 3 Suffix
0
0
0
0
4.0
4.0
8.0
4.0
MHz
Oscillator Frequency2)
(ST626xB ROM devices)
VDD = 3.0V, 1 & 6 Suffix
VDD = 3.0V , 3 Suffix
VDD = 4.0V , 1 & 6 Suffix
VDD = 4.0V , 3 Suffix
0
0
0
0
4.0
4.0
8.0
4.0
MHz
IINJ+
Pin Injection Current (positive)
VDD = 4.5 to 5.5V
+5
mA
IINJ-
Pin Injection Current (negative)
VDD = 4.5 to 5.5V
-5
mA
8
7
6
5
4
3
2
1
2.5
3
44.5
55.5
6
SUPPLY VOLTAGE (V
DD)
Maximum FREQUENCY (MHz)
FUNCTIONALITY IS NOT
GUARANTEED IN
THIS AREA
3 Suffix version
1 & 6 Suffix version
3.6
3 Suffix version
ST626xB ROM devices
All devices except ST626xB ROM devices
1 & 6 Suffix
version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com