Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CB6/XXX Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST6253CB6/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CB6/XXX Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST6253CB6/XXX Datasheet HTML 76Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 77Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 78Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 79Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 80Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 81Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 82Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 83Page - STMicroelectronics ST6253CB6/XXX Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
81/84
ST6253C/60B/63B
1.3 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.3.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected mask options. The ROM
contents are to be sent on diskette, or by electronic
means, with the hexadecimal file generated by the
development tool. All unused bytes must be set to
FFh.
The selected mask options are communicated to
STMicroelectronics using the correctly filled OP-
TION LIST appended. See page 82.
1.3.2 Listing Generation and Verification
When STMicroelectronics receives the user’s ROM
contents, a computer listing is generated from it.
This listing refers exactly to the mask which will be
used to produce the specified MCU. The listing is
then returned to the customer who must thoroughly
check, complete, sign and return it to STMicroelec-
tronics. The signed listing forms a part of the con-
tractual agreement for the creation of the specific
customer mask.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on contrac-
tual points.
Table 27. ROM Memory Map for ST6260B
Table 28. ROM Memory Map for ST6253C/63B
Table 1. ROM Version Ordering Information
Device Address
Description
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Device Address
Description
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST6253CB1/XXX
ST6253CB6/XXX
ST6253CB3/XXX
1836
-
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6253CM1/XXX
ST6253CM6/XXX
ST6253CM3/XXX
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PSO20
ST6260BB1/XXX
ST6260BB6/XXX
ST6260BB3/XXX
3884
128
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6260BM1/XXX
ST6260BM6/XXX
ST6260BM3/XXX
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PSO20
ST6263BB1/XXX
ST6263BB6/XXX
ST6263BB3/XXX
1836
64
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6263BM1/XXX
ST6263BM6/XXX
ST6263BM3/XXX
0 to + 70°C
-40 to + 85°C
-40 to + 125°C
PSO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com