Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-4.2-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2503ACPZ-4.2-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-4.2-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2503ACPZ-4.2-R71 Datasheet HTML 6Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 7Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 11Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 12Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 13Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP2503/ADP2504
Preliminary Technical Data
THEORY OF OPERATION
1.0µH
22µF
BAND GAP
REFERENCE
SYNC
PGND
AGND
EN
PVIN
VBAT = 2.3V
TO 5.5V
VIN
VOUT
SW1
SW2
EN
2.25V
UVLO
10µF
ADP2503/ADP2504
BIASING
ADP2503/ADP2504
PMOS1
PMOS2
NMOS1
NMOS2
THERMAL
PROTECTION
PWM CONTROL
OSCILLATOR
8
4
5
6
7
3
9
FB
–0.5V
2
1
10
CS
SOFT START
Figure 27. ADP2503/ADP2504 Block Diagram
The ADP2503/ADP2504 are synchronous average current-
mode switching buck-boost regulators designed to maintain a
fixed output voltage VOUT from an input supply VIN that can be
above, equal to, or below VOUT. When VIN is significantly greater
than VOUT, the device is in buck mode: PMOS2 is always active,
NMOS2 is always off and the switches PMOS1, NMOS1 consti­
tute a buck converter. When VIN is significantly lower than VOUT,
the device is in boost mode: PMOS1 is always active, NMOS1 is
always off and the switches NMOS2, PMOS2 constitute a boost
converter. When VIN is in the range [VOUT − 10%; VOUT + 10%],
the ADP2503/ADP2504 automatically enter the buck-boost
mode. In buck-boost mode, the two operations buck (PMOS1
and NMOS1 switching in antiphase) and boost (NMOS2 and
PMOS2 switching in antiphase) take place at each period of the
clock. This is aimed at maintaining the regulation and keeping a
minimal current ripple in the inductor to guarantee good
transient performances.
REVERSE CURRENT LIMIT
In case of a short circuit on VOUT to a value greater than
expected, the inductor current becomes negative (reverse
current). The negative peak value is limited to 1.1 A by
deactivating the switch PMOS2.
POWER SAVE MODE
When the SYNC pin is low, the ADP2503/ADP2504 can operate
in power save mode (PSM). In this mode, when the load
current becomes lower than 75 mA nominally at VIN = 3.6 V,
the controller pulls up VOUT and then halts the switching regime
until VOUT goes back to a restart value. Then VOUT is pulled up
again for a new cycle. This minimizes the switching losses at
light load. When the load rises above 150 mA, the
ADP2503/ADP2504 revert back to fixed PWM mode. This
results in about 75 mA of hysteresis between PSM and fixed
PWM, preventing oscillations between these two modes.
SOFT START
When the ADP2503/ADP2504 are started, VOUT is ramped from
0 V to its final programmed value in 200 μs (typ). This limits
the inrush current to less than 600 mA for a nominal output
capacitor of 20 μF. Because the VOUT start-up slope is constant,
the inrush current becomes larger if the output capacitor is
made larger.
Rev. PrB | Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com