Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-4.2-R71 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2503ACPZ-4.2-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-4.2-R71 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2503ACPZ-4.2-R71 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 11Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 12Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 13Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 14Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 15Page - Analog Devices ADP2503ACPZ-4.2-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Preliminary Technical Data
ADP2503/ADP2504
OUTLINE DIMENSIONS
TOP VIEW
10
1
6
5
0.30
0.23
0.18
*EXPOSED
PAD
(BOTTOM VIEW)
PIN 1 INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.20 REF
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
1.74
1.64
1.49
2.48
2.38
2.23
0.50
0.40
0.30
0.50 BSC
PIN 1
INDICATOR
(R 0.20)
*PADDLE CONNECTED TO GND.
Figure 298. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Voltage
Maximum
Current
Temperature
Range
Package Description
Package
Option
Branding
ADP2503ACPZ-2.8-R71
2.8 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9Y
ADP2503ACPZ-3.3-R71
3.3 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9Z
ADP2503ACPZ-3.5-R71
3.5 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
LAP
ADP2503ACPZ-4.2-R71
4.2 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
LA0
ADP2503ACPZ-4.5-R71
4.5 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
LA1
ADP2503ACPZ-5.0-R71
5.0 V
0.6 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
LA2
ADP2504ACPZ-2.8-R71
2.8 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9T
ADP2504ACPZ-3.3-R71
3.3 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L85
ADP2504ACPZ-3.5-R71
3.5 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
LAN
ADP2504ACPZ-4.2-R71
4.2 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9U
ADP2504ACPZ-4.5-R71
4.5 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9V
ADP2504ACPZ-5.0-R71
5.0 V
1 A
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
L9W
1 Z = RoHS Compliant Part.
Rev. PrB | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com