Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6255CB1/XXX Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST6255CB1/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6255CB1/XXX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST6255CB1/XXX Datasheet HTML 73Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 74Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 75Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 76Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 77Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 78Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 79Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 80Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
77/86
ST62T55C ST62T65C/E65C
7.2 ORDERING INFORMATION
Table 24OTP/EPROM VERSION ORDERING INFORMATION
Sales Type
Program
Memory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62E65CF1
3884 (EPROM)
128
0 to +70°C
CDIP20
ST62T55CB6
ST62T55CB3
3884 (OTP)
None
-40 to + 85°C
-40 to + 125°C
PDIP28
ST62T55CM6
ST62T55CM3
-40 to + 85°C
-40 to + 125°C
PSO28
ST62T55CN6
ST62T55CN3
-40 to + 85°C
-40 to + 125°C
SSOP28
ST62T65CB6
ST62T65CB3
3884 (OTP)
128
-40 to + 85°C
-40 to + 125°C
PDIP28
ST62T65CM6
ST62T65CM3
-40 to + 85°C
-40 to + 125°C
PSO28
ST62T65CN6
ST62T65CN3
-40 to + 85°C
-40 to + 125°C
SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com