Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6255CB1/XXX Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST6255CB1/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6255CB1/XXX Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST6255CB1/XXX Datasheet HTML 78Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 79Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 80Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 81Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 82Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 83Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 84Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 85Page - STMicroelectronics ST6255CB1/XXX Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
83/86
ST6255C ST6265B
1.3 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.3.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected mask options. The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file gener-
ated by the development tool. All unused bytes
must be set to FFh.
The selected mask options are communicated to
STMicroelectronics using the correctly filled OP-
TION LIST appended. See page 84.
1.3.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the mask which
will be used to produce the specified MCU. The
listing is then returned to the customer who must
thoroughly check, complete, sign and return it to
STMicroelectronics. The signed listing forms a
part of the contractual agreement for the creation
of the specific customer mask.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 27. ROM Memory Map for ST6255C/65B
Table 28. ROM Version Ordering Information
Device Address
Description
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
EEPROM (Bytes)
Temperature Range
Package
ST6255CB1/XXX
ST6255CB6/XXX
ST6255CB3/XXX
3884 Bytes
None
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP28
ST6255CM1/XXX
ST6255CM6/XXX
ST6255CM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO28
ST6255CN1/XXX
ST6255CN6/XXX
ST6255CN3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
SSOP28
ST6265BB1/XXX
ST6265BB6/XXX
ST6265BB3/XXX
128
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP28
ST6265BM1/XXX
ST6265BM6/XXX
ST6265BM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO28
ST6265BN1/XXX
ST6265BN6/XXX
ST6265BN3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com