Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT4F120K Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT4F120K
Description  N-Channel FREDFET 1200V, 4A, 4.60廓 Max,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT4F120K Datasheet(HTML) 1 Page - Microsemi Corporation

  APT4F120K Datasheet HTML 1Page - Microsemi Corporation APT4F120K Datasheet HTML 2Page - Microsemi Corporation APT4F120K Datasheet HTML 3Page - Microsemi Corporation APT4F120K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
Symbol
Parameter
Ratings
Unit
I
D
Continuous Drain Current @ T
C = 25°C
4
A
Continuous Drain Current @ T
C = 100°C
2.7
I
DM
Pulsed Drain Current 1
15
V
GS
Gate - Source Voltage
±30
V
E
AS
Single Pulse Avalanche Energy 2
310
mJ
I
AR
Avalanche Current, Repetitive or Non-Repetitive
2A
G
D
S
Single die FREDFET
TYPICAL APPLICATIONS
• ZVS phase shifted and other full bridge
• Half bridge
• PFC and other boost converter
• Buck converter
• Single and two switch forward
• Flyback
FEATURES
• Fast switching with low EMI
• Low trr for high reliability
• Ultra low Crss for improved noise immunity
• Low gate charge
• Avalanche energy rated
• RoHS compliant
APT
4F120K
1200V, 4A, 4.60Ω Max,
APT4F120K
Power MOS 8™ is a high speed, high voltage N-channel switch-mode power MOSFET.
This 'FREDFET' version has a drain-source (body) diode that has been optimized for
high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft
recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly
reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The
intrinsic gate resistance and capacitance of the poly-silicon gate structure help control
di/dt during switching, resulting in low EMI and reliable paralleling, even when switching
at very high frequency.
N-Channel FREDFET
Symbol
Characteristic
Min
Typ
Max
Unit
P
D
Total Power Dissipation @ T
C = 25°C
-
-
225
W
R
θJC
Junction to Case Thermal Resistance
-
-
.56
°C/W
R
θCS
Case to Sink Thermal Resistance, Flat, Greased Surface
-
.11
-
T
J, TSTG
Operating and Storage Junction Temperature Range
-55
-
150
°C
T
L
Soldering Temperature for 10 Seconds (1.6mm from case)
-
-
300
W
T
Package Weight
-
0.07
-
oz
-2-g
Torque
Mounting Torque (TO-220 Package), 4-40 or M3 screw
--
10
in·lbf
-
-
1.1
N·m
Microsemi Website - http://www.microsemi.com
TO-220


Similar Part No. - APT4F120K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT4F120K MICROSEMI-APT4F120K Datasheet
204Kb / 4P
1200V, 4A, 4.2廓 Max Trr ??95nS
logo
Inchange Semiconductor ...
APT4F120K ISC-APT4F120K Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT4F120K MICROSEMI-APT4F120K_10 Datasheet
204Kb / 4P
1200V, 4A, 4.2廓 Max Trr ??95nS
More results

Similar Description - APT4F120K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT29F100L MICROSEMI-APT29F100L Datasheet
401Kb / 4P
1000V, 29A, 0.46廓 Max, trr ??70ns N-Channel FREDFET
APT14F100B MICROSEMI-APT14F100B Datasheet
129Kb / 4P
N-Channel FREDFET 1000V, 14A, 1.00廓 Max, trr ??40ns
APT17F100B MICROSEMI-APT17F100B Datasheet
134Kb / 4P
N-Channel FREDFET 1000V, 17A, 0.80廓 Max, trr ??45ns
APT26F120B2 MICROSEMI-APT26F120B2 Datasheet
269Kb / 4P
N-Channel FREDFET 1200V, 26A, 0.65廓 Max, trr ??35ns
APT7F120B MICROSEMI-APT7F120B Datasheet
262Kb / 4P
N-Channel FREDFET 1200V, 7A, 2.90廓 Max, trr ??90ns
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
N-Channel MOSFET 500V, 4A, 1.4廓
FDD5N53 FAIRCHILD-FDD5N53 Datasheet
250Kb / 9P
N-Channel MOSFET 530V, 4A, 1.5廓
logo
Microsemi Corporation
APT4F120K MICROSEMI-APT4F120K_10 Datasheet
204Kb / 4P
1200V, 4A, 4.2廓 Max Trr ??95nS
APT7F120B MICROSEMI-APT7F120B_09 Datasheet
134Kb / 4P
N-Channel FREDFET 1200V, 7A, 2.4廓 Max, trr ??90ns
APT14M120B MICROSEMI-APT14M120B_09 Datasheet
122Kb / 4P
N-Channel MOSFET 1200V, 14A, 1.10廓 Max
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com