Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT4F120K Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT4F120K
Description  N-Channel FREDFET 1200V, 4A, 4.60廓 Max,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT4F120K Datasheet(HTML) 2 Page - Microsemi Corporation

  APT4F120K Datasheet HTML 1Page - Microsemi Corporation APT4F120K Datasheet HTML 2Page - Microsemi Corporation APT4F120K Datasheet HTML 3Page - Microsemi Corporation APT4F120K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
Dynamic Characteristics
TJ = 25°C unless otherwise specified
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 155.0mH, RG = 25Ω, IAS = 2A.
3 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -8.32E-8/VDS^2 + 3.49E-8/VDS + 1.30E-10.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
APT4F120K
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
BR(DSS)
Drain-Source Breakdown Voltage
V
GS = 0V, ID = 250μA
1200
V
∆V
BR(DSS)/∆TJ
Breakdown Voltage Temperature Coefficient
Reference to 25°C, I
D = 250μA
1.41
V/°C
R
DS(on)
Drain-Source On Resistance 3
V
GS = 10V, ID = 2A
3.82
4.60
Ω
V
GS(th)
Gate-Source Threshold Voltage
V
GS = VDS, ID = 1mA
345
V
∆V
GS(th)/∆TJ
Threshold Voltage Temperature Coefficient
-10
mV/°C
I
DSS
Zero Gate Voltage Drain Current
V
DS = 1200V
V
GS = 0V
T
J = 25°C
250
μA
T
J = 125°C
1000
I
GSS
Gate-Source Leakage Current
V
GS = ±30V
±100
nA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
g
fs
Forward Transconductance
V
DS = 50V, ID = 2A
4.5
S
C
iss
Input Capacitance
V
GS = 0V, VDS = 25V
f = 1MHz
1385
pF
C
rss
Reverse Transfer Capacitance
17
C
oss
Output Capacitance
100
C
o(cr)
4
Effective Output Capacitance, Charge Related
V
GS = 0V, VDS = 0V to 800V
40
C
o(er)
5
Effective Output Capacitance, Energy Related
20
Q
g
Total Gate Charge
V
GS = 0 to 10V, ID = 2A,
V
DS = 600V
43
nC
Q
gs
Gate-Source Charge
7
Q
gd
Gate-Drain Charge
20
t
d(on)
Turn-On Delay Time
Resistive Switching
V
DD = 800V, ID = 2A
R
G = 10Ω
6
, V
GG = 15V
7.4
ns
t
r
Current Rise Time
4.4
t
d(off)
Turn-Off Delay Time
24
t
f
Current Fall Time
6.9
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I
S
Continuous Source Current
(Body Diode)
4
A
I
SM
Pulsed Source Current
(Body Diode) 1
15
V
SD
Diode Forward Voltage
I
SD = 2A, TJ = 25°C, VGS = 0V
0.8
1.3
V
t
rr
Reverse Recovery Time
I
SD = 2A
3
,
di
SD/dt = 100A/μs,
V
DD = 100V
T
J = 25°C
170
195
nS
T
J = 125°C
330
400
Q
rr
Reverse Recovery Charge
T
J = 25°C
.370
μC
T
J = 125°C
.820
I
rrm
Reverse Recovery Current
T
J = 25°C
4.90
A
T
J = 125°C
5.40
dv/dt
Peak Recovery dv/dt
I
SD ≤ 2A, di/dt≤1000Aμs, VDD = 800V,
T
J = 125°C
20
V/ns
MOSFET symbol
showing the integral
reverse p-n junction
diode (body diode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com