Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-DVP2 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7MDT2-DVP2
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-DVP2 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7MDT2-DVP2 Datasheet HTML 104Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 105Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 106Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 107Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 108Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 109Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 110Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 111Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
108/150
15 ELECTRICAL CHARACTERISTICS
15.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
15.1.1 Minimum and Maximum values
Unless otherwise specified the minimum and max-
imum values are guaranteed in the worst condi-
tions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA=25°C
and TA=TAmax (given by the selected temperature
range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean±3
Σ).
15.1.2 Typical values
Unless otherwise specified, typical data is based
on TA=25°C, VDD=5V (for the 4.5V≤VDD≤5.5V
voltage range) and VDD=3.3V (for the 3V≤VDD≤4V
voltage range). They are given only as design
guidelines and are not tested.
15.1.3 Typical curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
15.1.4 Loading capacitor
The loading conditions used for pin parameter
measurement are shown in Figure 52.
Figure 52. Pin loading conditions
15.1.5 Pin input voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 53.
Figure 53. Pin input voltage
CL
ST7 PIN
VIN
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com