Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-DVP2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7MDT2-DVP2
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-DVP2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7MDT2-DVP2 Datasheet HTML 7Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 8Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 9Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 10Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 11Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 12Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 13Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 14Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
11/150
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to Section 15 "ELECTRICAL CHARACTERISTICS" on page
108.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to Section 11 "I/O PORTS" on page 40 for more details on the software configuration of the I/O
ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin
No.
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1
-
PE4 (HS)
I/O CT HS X
X
X
X
Port E4
2
-
PE5 (HS)
I/O CT HS X
X
X
X
Port E5
3
-
PE6 (HS)
I/O CT HS X
X
X
X
Port E6
4
-
PE7 (HS)
I/O CT HS X
X
X
X
Port E7
5
2
PB0
I/O
CT
X
ei2
X
X
Port B0
6
3
PB1
I/O
CT
X
ei2
X
X
Port B1
7
4
PB2
I/O
CT
X
ei2
X
X
Port B2
8
5
PB3
I/O
CT
X
ei2
X
X
Port B3
9
6
PB4
I/O
CT
X
ei3
X
X
Port B4
10 -
PB5
I/O
CT
X
ei3
X
X
Port B5
11 -
PB6
I/O
CT
X
ei3
X
X
Port B6
12 -
PB7
I/O
CT
X
ei3
X
X
Port B7
13 7
PD0/AIN0
I/O
CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14 8
PD1/AIN1
I/O
CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15 9
PD2/AIN2
I/O
CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16 10 PD3/AIN3
I/O
CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17 11 PD4/AIN4
I/O
CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18 12 PD5/AIN5
I/O
CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19 -
PD6/AIN6
I/O
CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20 -
PD7/AIN7
I/O
CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21 13 VDDA
S
Analog Power Supply Voltage
22 14 VSSA
S
Analog Ground Voltage
23 -
VDD_3
S
Digital Main Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com