Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-DVP2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7MDT2-DVP2
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-DVP2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7MDT2-DVP2 Datasheet HTML 34Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 35Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 36Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 37Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 38Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 39Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 40Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 41Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
38/150
POWER SAVING MODES (Cont’d)
10.4 ACTIVE HALT AND HALT MODES
Active Halt and Halt modes are the two lowest
power consumption modes of the MCU. They are
both entered by executing the HALT instruction.
The decision to enter either in Active Halt or Halt
mode is given by the MCC/RTC interrupt enable
flag (OIE bit in MCCSR register).
10.4.1 Active Halt Mode
Active Halt mode is the lowest power consumption
mode of the MCU with a real-time clock available.
It is entered by executing the HALT instruction
when the OIE bit of the Main Clock Controller Sta-
tus register (MCCSR) is set (see Section 13.2
"MAIN CLOCK CONTROLLER WITH REAL-TIME
CLOCK TIMER (MCC/RTC)" on page 53 for more
details on the MCCSR register).
The MCU can exit Active Halt mode on reception
of either an MCC/RTC interrupt, a specific inter-
rupt
(see
Table 6,
“Interrupt
Mapping,”
on
page 35) or a RESET. When exiting Active Halt
mode by means of a RESET or an interrupt, a
4096 CPU cycle delay occurs. After the start up
delay, the CPU resumes operation by servicing
the interrupt or by fetching the reset vector which
woke it up (see Figure 22).
When entering Active Halt mode, the I bit in the CC
register is cleared to enable interrupts. Therefore,
if an interrupt is pending, the MCU wakes up im-
mediately.
In Active Halt mode, only the main oscillator and
its associated counter (MCC/RTC) are running to
keep a wake-up time base. All other peripherals
are not clocked except those which get their clock
supply from another clock generator (such as ex-
ternal or auxiliary oscillator).
The safeguard against staying locked in Active
Halt mode is provided by the oscillator interrupt.
Note: As soon as the interrupt capability of one of
the oscillators is selected (MCCSR.OIE bit set),
entering Active Halt mode while the Watchdog is
active does not generate a RESET.
This means that the device cannot spend more
than a defined delay in this power saving mode.
Figure 21. Active Halt Timing Overview
Figure 22. Active Halt Mode Flowchart
Notes:
1. Peripheral clocked with an external clock source
can still be active.
2. Only the MCC/RTC interrupt and some specific
interrupts can exit the MCU from Active Halt mode
(such as external interrupt). Refer to Table 6, “In-
terrupt Mapping,” on page 35 for more details.
3. Before servicing an interrupt, the CC register is
pushed on the stack. The I bit of the CC register is
set during the interrupt routine and cleared when
the CC register is popped.
MCCSR
OIE bit
Power Saving Mode entered when HALT
instruction is executed
0
Halt mode
1
Active Halt mode
HALT
RUN
RUN
4096 CPU CYCLE
DELAY
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
[MCCSR.OIE=1]
HALT INSTRUCTION
RESET
INTERRUPT 2)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS 1)
IBIT
ON
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS 1)
IBIT
ON
OFF
X 3)
ON
CPU
OSCILLATOR
PERIPHERALS
IBITS
ON
ON
X 3)
ON
4096 CPU CLOCK CYCLE
DELAY
(MCCSR.OIE=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com