Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-DVP2 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7MDT2-DVP2
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-DVP2 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7MDT2-DVP2 Datasheet HTML 134Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 135Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 136Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 137Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 138Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 139Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 140Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 141Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
138/150
COMMUNICATIONS INTERFACE CHARACTERISTICS (Cont’d)
15.11.2 SCI - Serial Communications Interface
Subject to general operating condition for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(RDI and TDO).
Symbol
Parameter
Conditions
Standard
Baud
Rate
Unit
fCPU
Accuracy
vs. Standard
Prescaler
fTx
fRx
Communication frequency
8MHz
~0.16%
Conventional Mode
TR (or RR)=64, PR=13
TR (or RR)=16, PR=13
TR (or RR)= 8, PR=13
TR (or RR)= 4, PR=13
TR (or RR)= 2, PR=13
TR (or RR)= 8, PR= 3
TR (or RR)= 1, PR=13
300
1200
2400
4800
9600
10400
19200
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
Hz
Extended Mode
ETPR (or ERPR) = 13
38400 ~38461.54
~0.79%
Extended Mode
ETPR (or ERPR) = 35
14400 ~14285.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com