Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-DVP2 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7MDT2-DVP2
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-DVP2 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7MDT2-DVP2 Datasheet HTML 142Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 143Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 144Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 145Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 146Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 147Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 148Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 149Page - STMicroelectronics ST7MDT2-DVP2 Datasheet HTML 150Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 149 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
149/150
19 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Date
Revision
Main changes
17-Oct-2007
1
Initial release of the ST72334xx-Auto,ST72314xx-Auto, ST72124Jx-Auto datasheet
This datasheet was created from the ST72334J/N, ST72314J/N, ST72124J datasheet, revision
2.5 dated April 2003, with the following changes:
Changed document title and description on page 1
Removed PSDIP package outlines from page 1
“Device Summary” on page 1:
- modified to include only automotive devices
- replaced ‘ROM’ with ‘Flash/ROM’ as program memory for ST72124J2-Auto device
- added operating temperature range specific to ROM devices
Section 1 "PREAMBLE: ST72C334-Auto VERSUS ST72E331 SPECIFICATION" on page 7:
Replaced ST72C334 with ST72C334-Auto
Section 2 "INTRODUCTION" on page 8: Added -Auto extension to ST72xxxJ/N numbers
Section 3 "PIN DESCRIPTION" on page 9: Removed Figure "56-Pin SDIP Package Pinout"
Figure 3.44-Pin TQFP Package Pinout (J versions): Removed SDIP package pinout
Table 1, “Device Pin Description,” on page 11: Removed SDIP device pin number columns
Section 8 "SUPPLY, RESET AND CLOCK MANAGEMENT" on page 26: Added -Auto exten-
sion to ST72xxxJ/N numbers in first paragraph
Modified description of external and internal RC in “MULTI-OSCILLATOR (MO)” on page 30
Section 13.1.3 "Functional Description" on page 50: Replaced 500ns with 30µs at end of sec-
ond paragraph to be in line with spec given in Section 15.9.1 "Asynchronous RESET Pin" on
page 132
Section 14.1.4 "Indexed (No Offset, Short, Long)" on page 103: Replaced “The indirect ad-
dressing mode” with “The indexed addressing mode” in second paragraph
Section 15.3.1 "General Operating Conditions" on page 111: Modified ambient temperature
range conditions to include only automotive device suffix versions
Figure 95.SPI Slave Timing Diagram with CPHA = 1 1): Replaced CPHA=0 with CPHA=1 for
SCK INPUT
Section 16.1 "PACKAGE MECHANICAL DATA" on page 141:
- removed Figure “56-Pin Plastic Dual In-Line Package, Shrink 600-mil Width”
- removed Figure “42-Pin Plastic Dual In-Line Package, Shrink 600-mil Width”
- added Section 16.3 "ECOPACK®" on page 142
- removed Section "SOLDERING AND GLUEABILITY INFORMATION"
Section 16.2 "THERMAL CHARACTERISTICS" on page 142: Removed SDIP packages and
associated values from package thermal resistance ratings
Section 17.2.1 "User Option Byte 0" on page 143: Replaced 56/42-pin package configurations
with 64/44-pin package configurations
Figure 101.ROM Factory Coded Device Types: Modified to include only automotive devices
Figure 102.Flash User Programmable Device Types:
- modified to include only automotive devices
- removed B temperature version
“MICROCONTROLLER OPTION LIST” on page 145: Removed SDIP devices
Section 17.4 "DEVELOPMENT TOOLS" on page 146: Replaced ‘http//mcu.st.com’ with
‘www.st.com” at end of first paragraph
Table 27, “STMicroelectronics Tool Features,” on page 146:
- changed programming capability from ‘Yes (all packages)’ to ‘Yes’ for ST7 Programming
Board
- added footnote 2
Section 17.5 "ST7 APPLICATION NOTES" on page 147: Removed Table “ST7 Application
Notes”
Updated disclaimer on last page to include a mention about the use of ST products in automo-
tive applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com