Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45NF06
Description  N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP45NF06 Datasheet HTML 1Page - STMicroelectronics STP45NF06 Datasheet HTML 2Page - STMicroelectronics STP45NF06 Datasheet HTML 3Page - STMicroelectronics STP45NF06 Datasheet HTML 4Page - STMicroelectronics STP45NF06 Datasheet HTML 5Page - STMicroelectronics STP45NF06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
November 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STP45NF06
N-CHANNEL 60V - 0.022
Ω - 38A TO-220
STripFET™ POWER MOSFET
(1) ISD ≤38A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
s
TYPICAL RDS(on) = 0.022Ω
s
EXCEPTIONAL dv/dt CAPABILITY
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
“Single
Feature
Size
™” strip-based process. The resulting tran-
sistor shows extremely high packing density for
low on-resistance, rugged avalance characteris-
tics and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP45NF06
60V
<0.028
Ω
38A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuos) at TC = 25°C
38
A
ID
Drain Current (continuos) at TC = 100°C
26
A
IDM (q)
Drain Current (pulsed)
152
A
PTOT
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.53
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP45NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
logo
Inchange Semiconductor ...
STP45NF06 ISC-STP45NF06 Datasheet
319Kb / 2P
Isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP45NF06 DOINGTER-STP45NF06 Datasheet
1Mb / 3P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP45NF06 VBSEMI-STP45NF06 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET™ II POWER MOSFET
Sep-2002
More results

Similar Description - STP45NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET™ POWER MOSFET
Aug-2000
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP45NE06 STMICROELECTRONICS-STP45NE06 Datasheet
90Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET
Jun-1998
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET™ II POWER MOSFET
Sep-2002
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
Rev.0.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com