Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4N20
Description  N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4N20 Datasheet HTML 1Page - STMicroelectronics STP4N20 Datasheet HTML 2Page - STMicroelectronics STP4N20 Datasheet HTML 3Page - STMicroelectronics STP4N20 Datasheet HTML 4Page - STMicroelectronics STP4N20 Datasheet HTML 5Page - STMicroelectronics STP4N20 Datasheet HTML 6Page - STMicroelectronics STP4N20 Datasheet HTML 7Page - STMicroelectronics STP4N20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STP4N20
N - CHANNEL 200V - 1.3
Ω - 4A TO-220
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 1.3
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
150
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
DC-DC CONVERTERS & DC-AC INVERTERS
s
TELECOMMUNICATION POWER SUPPLIES
s
INDUSTRIAL MOTOR DRIVERS
®
INTERNAL SCHEMATIC DIAGRAM
February 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
200
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC4
A
ID
Drain Current (continuous) at Tc =100
oC2.5
A
IDM (
•)
Drain Current (pulsed)
16
A
Ptot
T otal Dissipat ion at Tc =25
oC60
W
Derating Factor
0.48
W /
o C
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
T YPE
VDSS
RDS(on)
ID
STP4N20
200 V
< 1.5
Ω
4A
1
2
3
TO-220
1/8


Similar Part No. - STP4N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4N20 ISC-STP4N20 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
105Kb / 10P
N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR
Mar-1999
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
STP16N10L STMICROELECTRONICS-STP16N10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
Mar-1999
STP45N10 STMICROELECTRONICS-STP45N10 Datasheet
431Kb / 10P
N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
Jun-1998
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Unisonic Technologies
UF4N20 UTC-UF4N20 Datasheet
136Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
UF4N20Z UTC-UF4N20Z Datasheet
147Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com