Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6258
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6258_07 Datasheet HTML 16Page - STMicroelectronics L6258_07 Datasheet HTML 17Page - STMicroelectronics L6258_07 Datasheet HTML 18Page - STMicroelectronics L6258_07 Datasheet HTML 19Page - STMicroelectronics L6258_07 Datasheet HTML 20Page - STMicroelectronics L6258_07 Datasheet HTML 21Page - STMicroelectronics L6258_07 Datasheet HTML 22Page - STMicroelectronics L6258_07 Datasheet HTML 23Page - STMicroelectronics L6258_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
PWM current control loop
L6258
20/32
Verr_out = -(ic · Zc) so ic = -(Verr_out ·
)
because ib = icwe have:
Vsense ·
= -(Verr_out ·
)
In the case of no external RC network is used to compensate the error amplifier, the typical
open loop transfer function of the error plus the sense amplifier is something with a gain
around 80dB and a unity gain bandwidth at 400kHz. In this case the situation of the total
transfer function Aloop, given by the sum of the AxdB and BxdB is:
Figure 8.
Aloop bode plot (uncompensated)
The BODE diagram shows together the error amplifier open loop transfer function, the Ax
function and the resultant total Aloop given by the following equation:
AloopdB = AxdB + BxdB
The total Aloop has an high DC gain of 78.1dB with a bandwidth of 15KHz, but the problem
in this case is the stability of the system; in fact the total Aloop cross the zero dB axis with a
slope of -40dB/decade.
Now it is necessary to compensate the error amplifier in order to obtain a total Aloop with an
high DC gain and a large bandwidth. Aloop must have enough phase margin to guarantee
the stability of the system.
A method to reach the stability of the system, using the RC network showed in the block
diagram, is to cancel the load pole with the zero given by the compensation of the error
amplifier.
The transfer function of the Bx block with the compensation on the error amplifier is:
1
Zc
-------
1
Rb
--------
1
Zc
-------
Bx
Verr_out
Vsense
------------------------
–
Zc
Rb
--------
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com