Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6258
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6258_07 Datasheet HTML 24Page - STMicroelectronics L6258_07 Datasheet HTML 25Page - STMicroelectronics L6258_07 Datasheet HTML 26Page - STMicroelectronics L6258_07 Datasheet HTML 27Page - STMicroelectronics L6258_07 Datasheet HTML 28Page - STMicroelectronics L6258_07 Datasheet HTML 29Page - STMicroelectronics L6258_07 Datasheet HTML 30Page - STMicroelectronics L6258_07 Datasheet HTML 31Page - STMicroelectronics L6258_07 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
L6258
Operation mode time diagrams
29/32
Figure 14.
4 bit microstep operation mode timing diagram
(Phase - DAC input and motor current)
Ph2
Micro Step Vector
32
24 28
20
16
12
8
4
0
Position
DAC 2
Inputs
0
Motor drive
Current 2
0
Motor drive
Current 1
I3_2
I2_2
I1_2
I3_1
0
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
DAC 1
Inputs
Phase
2
Phase
1
I0_2
I2_1
I1_1
I0_1
16
8
0
56
48
40
32
24
Ph1
Ph2
Ph1
D97IN628A
60 64
56
52
48
44
40
36
100%
95.2%
82.5%
63.5%
47.6%
38.1%
0%
19.1%
I3
I2
I1
I0
Current
level% of IMAX
00
00
100
00
01
98.4
00
10
95.2
00
11
92.1
01
00
88.9
01
01
82.5
01
10
77.8
01
11
71.4
10
00
63.5
10
01
55.6
10
10
47.6
10
11
38.1
11
00
28.6
11
01
19.1
11
10
9.5
11
11
No Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com