Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 3 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics M5480 Datasheet HTML 7Page - STMicroelectronics M5480 Datasheet HTML 8Page - STMicroelectronics M5480 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
M5480
Table 1. Absolute Maximum Ratings
Note: Stresses in excess of those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions in excess of those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reli-
ability.
Table 2. Static Electrical Characteristics
(Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V, unless otherwise specified)
Note: 1. Output matching is calculated as the percent variation from I MAX + IMIN/2.
2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
3. Absolute maximum for each output should be limited to 40mA.
4. The VO voltage should be regulated by the user.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 15
V
VI
Input Voltage
– 0.3 to 15
V
VO(off)
Off State Output Voltage
15
V
IO
Output Sink Current
40
mA
PTOT
Total Package Power Dissipation at 25°C
940
mW
Total Package Power Dissipation at 85°C
490
mW
Tj
Junction Temperature
150
°C
TOP
Operating Temperature Range
– 25 to 85
°C
TSTG
Storage Temperature Range
– 65 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage.,75
13.2
V
IDD
Supply Current
VDD = 13.2V
7mA
VI
Input Voltage Logical "0" Level
± 10µA Input Bias
- 0.3
0.08
V
Logical "1" Level
4.75
≤ VDD ≤ 5.25
2.2
VDD
V
VDD > 5.25
VDD - 2
VDD
V
IB
Brightness Input Current (note 2)
0
0.75
mA
VB
Brightness Input Voltage (pin 13)
Input Current = 750
µA, Tamb = 25°C
34.3
V
VO(off)
Off State Out. Voltage
13.2
18
V
IO
Out. Sink Current (note 3)
Segment OFF
VO = 3V
10
µA
Segment ON
VO = 1V (note 4)
Brightness In. = 0
µA0
10
µA
Brightness In. = 100
µA2
2,7
4
mA
Brightness In. = 750
µA12
15
25
mA
fclock
Input Clock Frequency
0
0.5
MHz
IO
Output Matching (note 1)
± 20
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com