Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 4 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics M5480 Datasheet HTML 7Page - STMicroelectronics M5480 Datasheet HTML 8Page - STMicroelectronics M5480 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M5480
4/10
FUNCTIONAL DESCRIPTION
The M5480 is specifically designed to operate 31/
2 digit alphanumeric displays with minimal inter-
face with the display and the data source. Serial
data transfer from the data source to the display
driver is accomplished with 2 signals, serial data
and clock. Using a format of a leading "1" followed
by the 35 data bits allows data transfer without an
additional load signal. The 35 data bits are latched
after the 36th bit is complete, thus providing non-
multiplexed, direct drive to the display.
Outputs change only if the serial data bits differ
from the previous time.
Display brightness is determined by control of the
output current for LED displays. A 1nF capacitor
should be connected to brightness control, pin 13,
to prevent possible oscillations.
A block diagram is shown in Figure 3. The output
current is typically 20 times greater than the cur-
rent into pin 13, which is set by an external vari-
able resistor.
There is an internal limiting resistor of 400
Ω nom-
inal value.
Figure 4 shows the input data format. A start bit of
logical "1" precedes the 35 bits of data. At the 36th
clock a LOAD signal is generated synchronously
with the high state of the clock, which loads the 35
bits of the shift registers into the latches.
At the low state of the clock a RESET signal is
generated which clears all the shift registers for
the next set of data. The shift registers are static
master-slave configurations. There is no clear for
the master portion of the first register, thus allow-
ing continuous operation.
Figure 4. Input Data Format
There must be a complete set of 36 clocks or the
shift registers will not clear.
When power is first applied to the chip an internal
power ON reset signal is generated which resets
all registers and all latches. The START bit and the
first clock return the chip to its normal operation.
Figure 5 shows the timing relationships between
Data, and Clock. A maximum clock frequency of
0.5MHz is assumed.
Table 3 shows the Output Data Format for the
M5480. Because it uses only 23 of the possible 35
outputs, 12 of the bits are "Don’t Care".
For applications where a lesser number of outputs
are used, it is possible to either increase the cur-
rent per output, or operate the part at higher than
1V VOUT.
The following equation can be used for calcula-
tions.
Tj = [ (VOUT) (ILED) (No.of segments) + VDD . 7 mA]
(132 °C/W) + Tamb
where:
Tj = junction temperature (150 °C max)
VOUT = the voltage at the LED driver outputs
ILED = the LED current
132 °C/W = thermal coefficient of the package
Tamb = ambient temperature
36
BIT 34
BIT 35
CLOCK
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START
BIT 1
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com