Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 61 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 57Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 58Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 59Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 60Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 61Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 62Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 63Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 64Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 141 page
background image
SABRE-LL-I
Power bridges
61/141
8
15
29
-38.3
-92.4
202.5°
30
-47.1
-88.2
208.1°
16
31
-55.6
-83.1
213.8°
3
32
-63.4
-77.3
219.4°
5
9
17
33
-70.7
-70.7
225°
34
-77.3
-63.4
230.6°
18
35
-83.1
-55.6
236.2°
36
-88.2
-47.1
241.9°
10
19
37
-92.4
-38.3
247.5°
38
-95.7
-29.0
253.1°
20
39
-98.1
-19.5
258.8°
40
-100
-9.8
264.4°
6
3
11
21
41
-100
HiZ
270°
42
-100
9.8
275.6°
22
43
-98.1
19.5
281.2°
44
-95.7
29.0
286.9°
12
23
45
-92.4
38.3
292.5°
46
-88.2
47.1
298.1°
24
47
-83.1
55.6
303.8°
48
-77.3
63.4
309.4°
7
4
13
25
49
-70.7
70.7
315°
50
-63.4
77.3
320.6°
26
51
-55.6
83.1
326.2°
52
-47.1
88.2
331.9°
14
27
53
-38.3
92.4
337.5°
54
-29.0
95.7
343.1°
28
55
-19.5
98.1
348.8°
56
-9.8
100
354.4°
8
4
15
29
57
HiZ
100
360°/0°
58
9.8
100
5.6°
30
59
19.5
98.1
11.2°
Table 40.
Internal sequencer (continued)
Control mode
Typical output
current (% of IMAX )
Resulting
electrical
angle
Half
step
Full step
(2 phases
on)
Full step
(1 phase
on)
1/4
step
1/8
step
1/16
step
Phase A
(sin)
Phase B
(cos)
Electrical
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com