Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 21 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SABRE-LL-I_07 Datasheet HTML 17Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 18Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 19Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 20Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 21Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 22Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 23Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 24Page - STMicroelectronics SABRE-LL-I_07 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
SABRE-LL-I
Supervisory system
21/141
Additionally the system regulators will be powered off but only if the voltage that caused the
nRST_int event is checked before the system regulator in the power up sequence. This
means that:
–
all system regulators will be powered off if nRST_int is caused by VSupply,
VSupply_int, VPump (and also if V3v3 causes a POR);
–
no one of the system regulators will be powered off if nRST_int is caused by
VGPIO_SPI;
–
only the system regulators that follows the system regulator that caused the
nRST_int in power up sequence will be powered off.
5.4
nRESET specifications
Table 9.
nRESET circuit specifications
Parameter
Description
Test
condition
Min
Typ
Max
Unit
nRST_VOL
nRESET Low level output
voltage
I=10mA
0.4
V
nRST_fall
nRESET fall time
I=1mA
C=50pF(1)
1.
Measured between 10% and 90% of output voltage transition.
15
ns
nRST_del
nRESET delay time
(2)
2.
Measured from a fault detection to 50% of output voltage transition.
150
ns
VSupply_UV_f
VSupply falling threshold
18.5
V
VSupply_UV_r
VSupply rising threshold
23
V
VSupply_UV_hys
VSupply hysteresis
2
V
tSupply_UV
VSupply UV filter time
3.5
us
VS_Int_UV_f
VSupplyInt falling threshold
14.0
V
VS_Int_UV_r
VSupplyInt rising threshold
17.5
V
VS_Int_UV_hys
VSupplyInt hysteresis
1.5
V
tS_Int_UV
VSupplyInt UV filter time
3.5
µs
VPump_UV_f
VPump falling threshold
VSupply
+7
V
VPump_UV_r
VPump rising threshold
VSupply
+ 9.5
V
VPump_UV_hys
VPump hysteresis
1.5
V
tPump_UV
VPump UV filter time
3.5
us
VGPIO_SPI_UV_f VGPIO_SPI falling threshold
1.8
V
VGPIO_SPI_UVr
VGPIO_SPI rising threshold
2.4
V
VGPIO_SPI_hys
VGPIO_SPI hysteresis
250
mV
tGPIO_SPI_UV
VGPIO_SPI UV filter time
3.5
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com