Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST108AB1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # QST108AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button QST108AB1 Datasheet HTML 9Page - STMicroelectronics QST108AB1 Datasheet HTML 10Page - STMicroelectronics QST108AB1 Datasheet HTML 11Page - STMicroelectronics QST108AB1 Datasheet HTML 12Page - STMicroelectronics QST108AB1 Datasheet HTML 13Page - STMicroelectronics QST108AB1 Datasheet HTML 14Page - STMicroelectronics QST108AB1 Datasheet HTML 15Page - STMicroelectronics QST108AB1 Datasheet HTML 16Page - STMicroelectronics QST108AB1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
QST108
Device operating modes
13/51
4
Device operating modes
4.1
Reset and power-up
At power-up, the device configures itself according to the pull-up or pull-down option
resistors present on pins OPT1 to OPT6. The device start-up and configuration may take up
to tSetup.
When the power is established, it is possible to force a new device configuration by applying
a negative pulse on the RESET pin.
The RESET pin is a bidirectional pin with an internal pull-up. The line is forced low when the
device resets itself (through an I²C command, for example).
A 10nF capacitor is recommended on the RESET pin to ensure reliable start-up and noise
immunity.
4.2
Burst operation
The device operates in “Burst” mode. Each key touch is acquired using a burst of charge-
transfer sensing pulses whose count varies depending on the value of the sense capacitor
CS and the load capacitance CX. Key touches are acquired using two successive bursts of
pulses:
●
Burst A: Keys 1, 2, 3, and 4
●
Burst B: Keys 5, 6, 7, and 8
Bursts always operate in an A-B sequence. If Keys 5 to 8 are not implemented, the QST
device will not perform the Burst B to improve the response time and reduce the power
consumption when in Low Power (LP) mode.
In Low Power mode, the device sleeps in an ultra-low current state between bursts to
conserve power.
4.3
Low power mode
In order to reduce the device power consumption, the QST family include scalable low
power modes.
●
Standard low power mode
When the device is in standard low power mode, a window with very low power
consumption is inserted between the acquisition of the last active key and the following
acquisition of the first active key.
This window duration is programmable as the 'sleep duration time'.
Note that the sleep window insertion is cancelled in the following conditions:
–
If a change is detected on a key, in order to speed up the DI process, the sleep
window insertion is skipped until the end of the DI process.
–In I2C mode, when a key change is actually detected and reported with a negative
pulse on the IRQ pin. In this case, the low power mode is disabled until a
command is received from the host.
–
Inside an I2C command, between the Write and the Read I2C frames, the sleep
period is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com