Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST108AB1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # QST108AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button QST108AB1 Datasheet HTML 36Page - STMicroelectronics QST108AB1 Datasheet HTML 37Page - STMicroelectronics QST108AB1 Datasheet HTML 38Page - STMicroelectronics QST108AB1 Datasheet HTML 39Page - STMicroelectronics QST108AB1 Datasheet HTML 40Page - STMicroelectronics QST108AB1 Datasheet HTML 41Page - STMicroelectronics QST108AB1 Datasheet HTML 42Page - STMicroelectronics QST108AB1 Datasheet HTML 43Page - STMicroelectronics QST108AB1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Electrical characteristics
QST108
40/51
6.9
I2C control interface
Subject to general operating conditions for VDD, and TA unless otherwise specified.
The QST108 I2C interface meets the requirements of the Standard I2C communication
protocol described in the following table with the restriction mentioned below:
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
Table 34.
I²C characteristics (100 kHz speed)
Symbol
Parameter
Min. (1)
1.
Data based on standard I2C protocol requirement, not tested in production.
Max. (1)
Unit
tw(SCLL)
SCL clock low time
4.7
µs
tw(SCLH)
SCL clock high time
4.0
tsu(SDA)
SDA setup time
250
ns
th(SDA)
SDA data hold time
0 (2)
2.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low
period of the SCL signal.
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
ns
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
th(STA)
START condition hold time
4.0
µs
tsu(STA)
Repeated START condition setup time
4.7
tsu(STO)
STOP condition setup time
4.0
μs
tw(STO:STA) STOP to START condition time (bus free)
4.7
µs
Cb
Capacitive load for each bus line
400
pF
Table 35.
IRQ specific pin characteristics (1)
1.
For additional pin parameters, please use the pin description in Section 6.7: KOUTn/OPTn/GPOn pin
characteristics on page 36.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tW(IRQ) IRQ pulse width
10
15
µs
RIRQ
IRQ internal pull-up (2)
2.
The IRQ pull-up equivalent resistor is based on a resistive transistor.
VDD = 5V
100
120
140
k
Ω
VDD = 3V
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com