Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8058 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA8058 Datasheet HTML 5Page - STMicroelectronics STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics STA8058 Datasheet HTML 10Page - STMicroelectronics STA8058 Datasheet HTML 11Page - STMicroelectronics STA8058 Datasheet HTML 12Page - STMicroelectronics STA8058 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STA8058
Pin description
9/14
2.3
LFBGA104 ball out
2.4
Power supply pins
Table 2.
Ball out for LFBGA104 package
1
2
3
456
7
8
9
10
11
12
13
A
VSS
AVSS
AVDD
V18BKP
RTCXTO
RTCXTI
V33RE
G_BKP
GPSDA
T
nJTRST
RF_EN
XTAL_O
UT
XTAL_IN
VSSRF
B
P1.2/T3_
OCMPA/
AIN.2
VSS18
V18
VSSBKP
NSTDBY
_IN
V33
VSSRE
G
GPSCL
K
GPS_CLK
CHIP_EN
V27PLL
V27PLL
V27PLL
C
P1.1/T3_
ICAPA/AI
N.1
P1.0/T3_
OCMPB/
AIN.0
P1.4/T1
_ICAPA
P1.5/T1_
ICAPB
NRSTIN
PO.15/W
AKEUP
CK
P0.5/S1
_MOSI
SPI_DI
XTAL_CLK
VSSRF
V27PLL
V27RF
D
V33IO_P
LL
P1.3/T3_
ICAPB/AI
N.3
P1.7/T1
_OCMP
A
VSS
VSS
JTCK
JTDO
P0.6/S1
_SCLK
SPI_CLK
MODE
VSSRF
VSSRF
VSSRF_A
E
VSSIO_P
LL
P1.8/PP
S
P1.9/PR
N.11
P1.6/T1_
OCMPB
VSS18
P0.13/U2
_RX/T2.
OCMPA
JTMS
JTDI
SPI_CS
IF_TEST
VSSRF
VSSRF
RF_IN
F
P1.11/
CANRX
USBDP
P1.10/U
SBCLK
P0.3/SO
_SSN/I1.
SDA
V18
P0.14/U2
_TX/T2.I
CAPA
V33
P0.4/S1
_MISO
SPI_DO
AGC_CNT
R
VSSRF
VSSRF
VSSRF_A
G
P1.12/
CANTX
USBDN
P0.1/SO
_MOSI/
U3.RX
P0.0/SO
_MISO/U
3.TX
P0.7/S1_
SSN
P0.9/UO
_TX/BO
OT.0
P0.11/U
1_TX/B
OOT.1
BOOTE
N
SIGN
V27RF
V27RF
V27RF
VSSRF
H
VSS
P1.13/H
CLK/IO.S
CL
P1.14/H
RXD/IO.
SDA
P1.15/HT
XD
P0.2/SO
_SCLK/I1
.SCL
PO.12/S
CCLK
PO.8/U
O_RX/U
0.TX
P0.10/U
1_RX/U
1.TX
V33
VSSRF:IO
V33
V27RF
VSSRF
Table 3.
Power supply pins
Symbol
I/O
Function
LFBGA104
V33
-
Digital supply voltage for I/O circuitry (3.3 Volt)
B6,F7,G10,H9,H11
VSS
-
Digital ground for I/O circuitry
A1,D4,D5,H1
V33IO-PLL
-
Digital supply voltage for I/O circuitry and for PLL reference (3.3V)
D1
VSSIO-PLL
-
Digital ground for I/O circuitry and for PLL reference
E1
V33REG_BKP
-
Digital supply voltage for backup block I/O circuitry and for Ballast I/O
(3.3V)
A7
VSSREG
-
Digital ground for Ballast I/O
B7
V18
-
Digital supply voltage for core circuitry (1.8 Volt): When using the
internal voltage regulator, this pin shall not be driven by an external
voltage supply, but a capacitance of at least 10
μF (Tantalum, low
series resistance) + 33nF (ceramic) shall be connected between
these pins and VSS18 to guarantee on-chip voltage stability.
B3,F5
VSS18
-
Digital ground for core circuitry
B2,E5
V18BKP
-
Digital supply voltage for backup block (RTC, oscillator, Wake-up
controller - 1.8 Volt): when using the internal voltage regulator, this
pin shall not be driven by an external voltage supply, but a
capacitance of at least 1
μF shall be connected between this pin and
VSSBKP to guarantee on-chip voltage stability.
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com