Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8058 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics STA8058 Datasheet HTML 10Page - STMicroelectronics STA8058 Datasheet HTML 11Page - STMicroelectronics STA8058 Datasheet HTML 12Page - STMicroelectronics STA8058 Datasheet HTML 13Page - STMicroelectronics STA8058 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
STA8058
12/14
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
LFBGA104 (11x7x1.4mm) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.400
0.0551
A1
0.210
0.0083
A2
0.990
0.0390
A3
0.200
0.0079
A4
0.800
0.0315
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
10.900 11.000 11.100 0.4291 0.4331 0.4370
D1
9.600
0.3780
E
6.900
7.000
7.100 0.2717 0.2756 0.2795
E1
5.600
0.2205
e
0.800
0.0315
F
0.700
0.0276
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.080
0.0031
LFBGA104
Low profile Fine Pitch Ball Grid Array
Body: 11 x 7 x 1.4mm
8054244 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com