Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7101
Description  Low-cost HDTV set-top box decoder for H.264
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7101 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7101 Datasheet HTML 1Page - STMicroelectronics STI7101 Datasheet HTML 2Page - STMicroelectronics STI7101 Datasheet HTML 3Page - STMicroelectronics STI7101 Datasheet HTML 4Page - STMicroelectronics STI7101 Datasheet HTML 5Page - STMicroelectronics STI7101 Datasheet HTML 6Page - STMicroelectronics STI7101 Datasheet HTML 7Page - STMicroelectronics STI7101 Datasheet HTML 8Page - STMicroelectronics STI7101 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Full feature list
STi7101
2/9
1
Full feature list
H.264 support
Linux®, Windows® CE and OS21 compatible ST40 CPU core: 266 MHz
Transport filtering and descrambling
Video decoder: H.264 (MPEG-4 part 10) and MPEG-2
SVP compliant
Windows MediaDRM support
Graphics engine and dual display: standard and high-definition
Audio decoder: including Windows MediaAudio 9 (WMA-9) and WMA-9 Pro
DVD data retrieval and decryption
1.1
Embedded interfaces
USB 2.0 host controller/PHY interface
DVI/HDMIoutput
Digital audio and video auxiliary inputs
Low-cost modem
100BT Ethernet controller with integrated MAC and MII/RMII interface for external PHY
Serial ATA (SATA)
1.2
Processor subsystem
ST40 32-bit superscaler RISC CPU
266 MHz, 2-way set associative 16 Kbyte ICache, 32 Kbyte DCache, MMU
Five-stage pipeline, delayed branch support
Floating point unit, matrix operation support
Debug port, interrupt controller
1.3
Transport subsystem
TS merger/router
Two serial/parallel inputs
One bidirectional interface
Merging of three external transport streams
Transport streams from memory support
NRSS-A module interface
TS routing for DVB-CI and CableCARD
™ modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com