Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7101 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI7101
Description  Low-cost HDTV set-top box decoder for H.264
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7101 Datasheet(HTML) 5 Page - STMicroelectronics

  STI7101 Datasheet HTML 1Page - STMicroelectronics STI7101 Datasheet HTML 2Page - STMicroelectronics STI7101 Datasheet HTML 3Page - STMicroelectronics STI7101 Datasheet HTML 4Page - STMicroelectronics STI7101 Datasheet HTML 5Page - STMicroelectronics STI7101 Datasheet HTML 6Page - STMicroelectronics STI7101 Datasheet HTML 7Page - STMicroelectronics STI7101 Datasheet HTML 8Page - STMicroelectronics STI7101 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STi7101
Full feature list
5/9
Infrared transmitter/receiver supporting RC5, RC6 and RECS80 codes
UHF remote receiver input interface
Interrupt level controller and external interrupts, 3.3 V tolerant
Low power/RTC/watchdog controller
Integrated VCXO
DiSEqC 2.0 interface
PWM capture/compare functions
Flexible multi-channel DMA (FDMA)
1.7
Services and package
JTAG/TAP interface, ST40 toolset support, ST231 toolset support
Package: 35 x 35 PBGA, 580 + 100 balls (ECOPACK® package).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com