Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NB30FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NB30FP
Description  N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB30FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NB30FP Datasheet HTML 1Page - STMicroelectronics STP4NB30FP Datasheet HTML 2Page - STMicroelectronics STP4NB30FP Datasheet HTML 3Page - STMicroelectronics STP4NB30FP Datasheet HTML 4Page - STMicroelectronics STP4NB30FP Datasheet HTML 5Page - STMicroelectronics STP4NB30FP Datasheet HTML 6Page - STMicroelectronics STP4NB30FP Datasheet HTML 7Page - STMicroelectronics STP4NB30FP Datasheet HTML 8Page - STMicroelectronics STP4NB30FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2001
STP4NB30
STP4NB30FP
N-CHANNEL 300V - 1.8
Ω - 4A - TO-220/TO-220FP
PowerMesh™ MOSFET
(1)ISD ≤4 A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*) Limited only by Maximum Temperature Allowed
s
TYPICAL RDS(on) = 1.8 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR TELECOM,
INDUSTRIAL AND CONSUMER
ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP4NB30
STP4NB30FP
300 V
300 V
< 2
Ω
< 2
Ω
4 A
4 A
Symbol
Parameter
Value
Unit
STP4NB30
STP4NB30FP
VDS
Drain-source Voltage (VGS = 0)
300
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
300
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
4
4 (*)
A
ID
Drain Current (continuos) at TC = 100°C
2.5
2.5 (*)
A
IDM (1)
Drain Current (pulsed)
16
16 (*)
A
PTOT
Total Dissipation at TC = 25°C
70
30
W
Derating Factor
0.56
0.24
W/°C
dv/dt
Peak Diode Recovery voltage slope
4
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
1
2
3
1
2
3
TO-220FP
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP4NB30FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4NB30FP ISC-STP4NB30FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4NB30FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
Aug-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com