Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NB30FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NB30FP
Description  N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB30FP Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NB30FP Datasheet HTML 1Page - STMicroelectronics STP4NB30FP Datasheet HTML 2Page - STMicroelectronics STP4NB30FP Datasheet HTML 3Page - STMicroelectronics STP4NB30FP Datasheet HTML 4Page - STMicroelectronics STP4NB30FP Datasheet HTML 5Page - STMicroelectronics STP4NB30FP Datasheet HTML 6Page - STMicroelectronics STP4NB30FP Datasheet HTML 7Page - STMicroelectronics STP4NB30FP Datasheet HTML 8Page - STMicroelectronics STP4NB30FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STP4NB30/STP4NB30FP
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 150V, ID = 2.5 A
RG =4.7Ω VGS = 10V
(see test circuit, Figure 3)
9ns
tr
Rise Time
9
ns
Qg
Total Gate Charge
VDD = 240V, ID = 5 A,
VGS = 10V
12
16
nC
Qgs
Gate-Source Charge
7.5
nC
Qgd
Gate-Drain Charge
3
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 240V, ID = 5 A,
RG = 4.7Ω, VGS = 10V
(see test circuit, Figure 5)
10
ns
tf
Fall Time
7
ns
tc
Cross-over Time
15
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
4
A
ISDM (2)
Source-drain Current (pulsed)
16
A
VSD (1)
Forward On Voltage
ISD = 4 A, VGS = 0
1.5
V
trr
Reverse Recovery Time
ISD = 5 A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
180
ns
Qrr
Reverse Recovery Charge
800
nC
IRRM
Reverse Recovery Current
9
A
Safe Operating Area for TO-220FP
Safe Operating Area for TO-220



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com