Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412BD Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV6412BD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412BD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV6412BD Datasheet HTML 19Page - STMicroelectronics STV6412BD Datasheet HTML 20Page - STMicroelectronics STV6412BD Datasheet HTML 21Page - STMicroelectronics STV6412BD Datasheet HTML 22Page - STMicroelectronics STV6412BD Datasheet HTML 23Page - STMicroelectronics STV6412BD Datasheet HTML 24Page - STMicroelectronics STV6412BD Datasheet HTML 25Page - STMicroelectronics STV6412BD Datasheet HTML 26Page - STMicroelectronics STV6412BD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
STV6412B
I²C bus selection
23/32
Table 23: Slow blanking and inputs control
Reg
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
05h
Encoder R/C sub clamp
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Bottom level clamp
Average level clamp
VCR R/C sub clamp
1
X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
Bottom level clamp
Average level clamp
Encoder input level
adjustment
2
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
0
1
0
X
X
X
X
X
X
0 dB for normal audio
inputs
+6 dB for weak audio
inputs
+9 dB for weak audio
inputs
Slow blanking TV
SCART
2
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Input mode only
Output < 2 V
Output 16/9 format
Output 4/3 format
Slow blanking VCR
SCART
2
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Input mode only
Output < 2 V
Output 16/9 format
Output 4/3 format
Table 24: Standby modes
Reg
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
06h
ENC inputs
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Inputs active
Inputs disabled
VCR inputs
1
X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
Inputs active
Inputs disabled
TV inputs
1
X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Inputs active
Inputs disabled
AUX inputs
1
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Inputs active
Inputs disabled
VCR outputs
1
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
Audio & video outputs ON
Audio & video outputs OFF
CINCH outputs
1
X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
Audio & video outputs on
audio & video outputs OFF
TV outputs
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Audio & video outputs ON
Audio & video outputs OFF
RFmod outputs
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Audio & video outputs ON
Audio & video outputs OFF
Full stop
1
1
1
111
11
Only I²C bus and slow blanking
detection parts are supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com