Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412BD Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV6412BD
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412BD Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV6412BD Datasheet HTML 20Page - STMicroelectronics STV6412BD Datasheet HTML 21Page - STMicroelectronics STV6412BD Datasheet HTML 22Page - STMicroelectronics STV6412BD Datasheet HTML 23Page - STMicroelectronics STV6412BD Datasheet HTML 24Page - STMicroelectronics STV6412BD Datasheet HTML 25Page - STMicroelectronics STV6412BD Datasheet HTML 26Page - STMicroelectronics STV6412BD Datasheet HTML 27Page - STMicroelectronics STV6412BD Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
I²C bus selection
STV6412B
24/32
Note:
1
The interrupt flag will be cleared when this register is read. To prepare for a new interrupt, a
“1” must be re-written in the IT Enable bit (Reg. 04h, d7).
Table 25: Output signals (read mode)
Reg
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
Slow blanking TV
SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
Input < 2 V
Input 16/9 format
Input 4/3 format
Slow blanking VCR
SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
X
X
X
X
X
X
Input < 2 V
Input 16/9 format
Input 4/3 format
Interrupt flag
1
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
No change since read
One change has been
detected (refer to Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com