Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 5Page - STMicroelectronics STW4810 Datasheet HTML 6Page - STMicroelectronics STW4810 Datasheet HTML 7Page - STMicroelectronics STW4810 Datasheet HTML 8Page - STMicroelectronics STW4810 Datasheet HTML 9Page - STMicroelectronics STW4810 Datasheet HTML 10Page - STMicroelectronics STW4810 Datasheet HTML 11Page - STMicroelectronics STW4810 Datasheet HTML 12Page - STMicroelectronics STW4810 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
Functional block diagram
STw4810
8/78
2
Functional block diagram
Figure 2.
STw4810 block diagram
VPLL_LDO
1.05V,1.2V,1.3V,1.8V,
VAUX
VPLL
VANA_LDO
2.5V, 10mA
VANA
VBAT_VPLL_ANA
VREF_VIO_VMEM
VREF_VCORE
VREF_VPLL
SOFT_START
VAUX_LDO
1.5V,1.8V2.5V,2.8V,
VREF_18
BG
Buffer
BIAS
VREF_VAUX
Thermal
shutdown
VBAT_ANA
Internal
oscillator
clock
switching
and
control
MASTER_CLK
SCL
SDA
I2C
interface
VBAT_DIG
VMINUS_DIG
General
control
PON
VDDOK
PORn
PWREN
SW_RESETn
Control
registers
USB
control
USB OTG transceiver interface
VBAT_USB
ID
CP
CN
VBUS
DP
DN
Charge
pump
VUSB
3.1V - 40mA
5V - 100mA
Driver
USBOEn
USBVP
USBVM
USBRCV
Control
SD/MMC/
SD/ MMC/SDIO interface
1.8/2.85/3V-150mA
VBAT_MMC
VMMC
Driver
Level
shifter
LATCHCLK
CLKOUT
DATAOUT0
CMDOUT
DATAOUT[3:1]
MCCLK
MCFBCLK
MCCMDDIR
MCDAT0DIR
MCDAT2DIR
MCCMD
MCDATA[3:1]
MCDATA0
REQUEST_MC
VBAT_VAUX
CLK32K
CLK32K_IN
PORn_VBAT
VMINUS_ANA
TCXO_EN
Monitoring
IT_WAKE_UP
GPO1
GPO2
I2C
Mux
USBSCL
USBSDA
USBINTn
MCDAT31DIR
VMINUS_USB
Level
shifter
Pull
up &
down
SDIO control
10mA
150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com