Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 24Page - STMicroelectronics STW4810 Datasheet HTML 25Page - STMicroelectronics STW4810 Datasheet HTML 26Page - STMicroelectronics STW4810 Datasheet HTML 27Page - STMicroelectronics STW4810 Datasheet HTML 28Page - STMicroelectronics STW4810 Datasheet HTML 29Page - STMicroelectronics STW4810 Datasheet HTML 30Page - STMicroelectronics STW4810 Datasheet HTML 31Page - STMicroelectronics STW4810 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
STw4810
Functional description
27/78
Registers controlled by main I2C bus
I²C controlled registers are controlled through the main serial I2C interface, SCL and SDA
balls.
SD MMC control register
In Flash OTP two registers allow to program STw4810 energy management part.
These two registers are at address 1E and 1F and must be programmed with 1F register
first followed by 1E register.
Table 18.
SD MMC control register (11h)
Register
76543
210
Bit name
pdn_
vaux
it_warn
monitori
ng_vio_
vmem_
vcore
gpo2
gpo1
sel_vmmc<1:0>
pdn_
vmmc
Type
R/W
R(1)
R(1)
1.
These bits are reset (0) after reading
R/W
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
7
pdn_vaux
0
1
Inactive
Enable LDO vaux
0
6it_warn
0
1
Below temperature threshold
Above temperature threshold
0
5
monitoring_vio_
vmem_vcore
0
1
Outputs in the good range
Outputs lower than expected on vio_vmem or vcore
0
4
gpo2
0
1
Output GPO2 HZ
Output GPO2 Low
0
3
gpo1
0
1
Output GPO1 HZ
Output GPO1 low
0
[2:1] sel_vmmc<1:0>
00
01
10
11
1.8V selection
1.8V selection
2.85V selection
3V selection
00
0
pdn_vmmc
0
1
Inactive
Enable SD/MMC or SDIO function.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com