Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBHD/LF Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW4811MBHD/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHD/LF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW4811MBHD/LF Datasheet HTML 37Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 38Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 39Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 40Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 41Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 42Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 43Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 44Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Functional description
STw4811M/STw4811N
40/85
4.3
Power management module
STw4811 includes several regulators that supply the multimedia processor and its
peripherals. All regulators can work in different modes depending on the processor needs.
When the STw4811 is in ‘low current mode’”, the output current is reduced to save energy
via the lower quiescent current. The nominal mode is called high power mode (HPM). The
mode is selected by PWREN ball signal according to both multimedia processor and
STw4811 state.
When PWREN = “0”, sleep mode is selected. HPM is selected as default when PWREN =
“1”.
Except for VIO_VMEM, each supply can be powered down by a bit ‘pdn_(regulator name) or
‘en_(regulator name)’ (
Table 18, 24 and 27). In this mode, the regulator is switched off and
only a leakage current is present (max. 1µA). VCORE, VAUX and VPLL output voltages are
programmable, through main I2C interface, using the ‘(regulator”_sel[x:0])’ bits of the
power
control registers (Table 22 to Table 27).
In addition, an output current limitation prevents high current delivery in case of output short
circuit.
All multimedia processor power supplies have the same soft start to prevent leakage in the
multimedia processor device during the start-up phase. There is an exception with VAUX
which can be started independently.
4.3.1
Bandgap, biasing and references
Figure 10.
Block diagram of biasing and references of the device
BG
All internal
references
VREF_18
All internal
biasing
Bias generator
Voltage reference control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com