Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBHD/LF Datasheet(PDF) 45 Page - STMicroelectronics

Part # STW4811MBHD/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHD/LF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STW4811MBHD/LF Datasheet HTML 41Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 42Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 43Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 44Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 45Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 46Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 47Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 48Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Functional description
STw4811M/STw4811N
44/85
4.3.8
Power supply domains
Table 30 lists the register bits that control STw4811 supply domains for each supply.
Note:
More details on VMMC supply are given in Section 4.5
4.3.9
Thermal shut-down
A thermal sensor is used to monitor the die temperature.
●
As soon as the die temperature exceeds the thermal warning rising threshold, VDDOK
ball goes to “0” and ‘it_warn’ bit is set to “1” (
configuration 1 register - Table 18). The IC
turns back VDDOK ball to “1” and ‘it_warn’ bit to “0” when the device temperature drops
below the thermal warning falling threshold of the thermal sensor.
●
A second thermal detection level, thermal shutdown threshold, puts all STw4811
supplies OFF, the supplies goes back to ON state when the temperature is under the
thermal shutdown threshold and after a new startup phase.
Table 30.
Power supply domains
Supply
name
Description
Supply domains
High power
Sleep
Power down
VCORE
STEP-DOWN
vcore_sel[3:0]
vcore_sleep[3:0]
vcore_sleep
vcore_force_sleep
en_vcore
VIO_VMEM STEP-DOWN
-
vio_vmem_sleep
vio_vmem_force_sleep
-
VPLL
LDO
vpll_sel[1:0]
-
en_vpll
VANA
LDO
-
-
en_vana
VAUX
LDO
vaux_sel[1:0]
vaux_sleep
vaux_force_sleep
pdn_vaux
VMMC
LDO
vmmc_sel[2:0]
-
pdn_vmmc
Table 31.
Thermal threshold values
Description
Min
Typ
Max
Unit
Thermal warning threshold
Rising threshold
134
140
149
°C
Falling threshold
117
123
131
°C
Thermal shutdown threshold
Threshold
149
155
164
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com