Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBHDT/LF Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW4811MBHDT/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHDT/LF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW4811MBHDT/LF Datasheet HTML 29Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 30Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 31Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 32Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 33Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 34Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 35Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 36Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Functional description
STw4811M/STw4811N
32/85
Power control register at address 05h
Table 22.
Power control register at address 05h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4321
0
Not used
0010
1
vcore_sel [3:0]
EN
Bits
Name
Value
Settings
Default
[4:1]
vcore_sel [3:0]
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
= 1.00V
= 1.05V
= 1.10V
= 1.15V
= 1.20V
= 1.22V
= 1.24V
= 1.26V (default)
= 1.28V
= 1.30V
= 1.32V
= 1.34V
= 1.36V
= 1.38V
= 1.40V
= 1.45V
0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com