Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBHDT/LF Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW4811MBHDT/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHDT/LF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW4811MBHDT/LF Datasheet HTML 31Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 32Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 33Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 34Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 35Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 36Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 37Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 38Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Functional description
STw4811M/STw4811N
34/85
Power control register at address 08h
Power control register at address 09h
Table 25.
Power control register at address 08h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4
3
2
1
0
Not used
0100
0
en_clk
squarer
en_
mo
nitoring
en_
vana
not
used
EN
Bits
Name
Value
Settings
Default
4
en_clock_squarer
0
1
Disabled ([0; vio_vmem] digital signal)
Enabled
(master clock input not in the range [0; vio_vmem])
0
3
en_monitoring
0
1
Disabled / MONITORING = OFF
Enabled / VCORE & VIO_VMEM monitoring = ON
1
2
en_vana
0
1
Disabled / VANA = OFF
Enabled / VANA = ON
1
Table 26.
Power control register at address 09h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4321
0
Not used
0100
1
vaux_
sleep
not
used
vio_
vmem_
sleep
(1)
1.
Must be left at default value if the master clock is used.
vcore_
sleep
(1)
EN
Bits
Name
Value
Settings
Default
4
vaux_sleep
0
1
When PWREN is low:
VAUX stays in high power mode
VAUX goes in sleep mode
1
2
vio_vmem_sleep
0
1
When PWREN is low:
VIO_VMEM stays in high power mode
VIO_VMEM goes in sleep mode
1
1vcore_sleep
0
1
When PWREN is low:
VCORE stays in high power mode
VCORE goes in sleep mode
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com