Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics STW5095 Datasheet HTML 22Page - STMicroelectronics STW5095 Datasheet HTML 23Page - STMicroelectronics STW5095 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
STw5095
Functional description
19/72
with bits LSG. This event (VCCLS > 4.2 V) can generate, if enabled (bit VLSMSK in CR31),
an IRQ signal.
4.10
Analog mixer
STw5095 can send to the output drivers the sum of stereo audio signals from 3 different
sources, DA path (bit MIXDAC in CR17), Microphone Preamplifiers (bit MIXMIC in CR17)
and Line In Amplifiers (bit MIXLIN in CR17). The mixer does not have a gain control on the
inputs, therefore the user should reduce the levels of the input signals within the analog
signal range.
The stereo Analog Mixer is powered up with bits ENMIXL and ENMIXR in CR2.
4.11
AD path
The AD path converts audio signals from Microphone Preamplifiers (selected with bit
ADMIC in CR17) and Line In Amplifiers (bit ADLIN in CR17) inputs to digital domain. If both
inputs are selected then the sum of the two is converted. After AD conversion the audio data
is resampled with a sample rate converter and then processed with the internal DSP. Two
different filters are selectable in the DSP (bit ADVOICE in CR29): stereo Audio Filter, with
DC offset removal and FIR image filtering; and a standard mono Voice-channel filter (uses
left channel input and feeds both channel output). The AD path includes a digital gain
control (ADCLG, ADCRG in CR12 and CR13 respectively) in the range -57 to +8 dB. The
maximum gain from Mic Preamplifier to AD interface is then 47 dB. When Audio filter is
selected in both AD and DA paths then DA audio data can be summed to AD data and sent
to the AD Audio Interface (see DA2ADG in CR15). Left and Right channels can be
independently switched on and off to save power, if needed (bits ENADCL and ENADCR in
CR1)
4.12
DA path
The DA path converts digital data from the digital audio interface to analog domain and
feeds it to the analog mixer. Incoming audio data is processed with a DSP where different
filters are selectable (bit DAVOICE in CR29): Audio Filter, stereo, with FIR image filtering,
bass and treble controls (bits BASS and TREBLE in CR14), de-emphasis filter; and a
standard Voice-channel filter, mono (uses left channel input and feeds both channel output).
A dynamic compression function is available for both audio and voice filters (bit DYNC in
CR14). The DA path includes a digital gain control (DACLG, DACRG in CR10 and CR11
respectively) in the range -65 to 0 dB. AD to DA mixing (sidetone) can be enabled: see
CR16 for details. Left and Right channel can be independently switched on and off to save
power, if needed (bits ENDACL and ENDACR in CR1)
4.13
Analog-only operation
STw5095 can operate without AMCK master clock if analog-only functions are used. It is
possible to mix Microphone and Line In preamplifiers signals and listen through
headphones, loudspeaker or send them to line-out. The analog-only operation is enabled
with bit ENOSC in CR0. When ENOSC=1 the AD and DA paths cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com