Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics STW5095 Datasheet HTML 22Page - STMicroelectronics STW5095 Datasheet HTML 23Page - STMicroelectronics STW5095 Datasheet HTML 24Page - STMicroelectronics STW5095 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Functional description
STw5095
20/72
In Analog Mode STw5095 can handle two different stereo audio signals, so it can be used as
a front end for an external voice codec that does not include microphone preamplifiers and
power drivers: mic signal is sent through Microphone preamplifiers directly to line out drivers
(Transmit path), while Receive signal is sent through Line In amplifiers to the selected power
drivers.
4.14
Automatic Gain Control (AGC)
STw5095 provides a digital Automatic Gain Control in AD path. The circuit can control the
input gain at MIC preamplifier, Line In amplifier or both (bits ENAGCMIC and ENAGCLIN in
CR35). When one input is selected, the center gain value used for the input is fixed with bits
MICLG, MICRG, LINLG and LINRG in CR3 to CR6 (like in normal operation), then the AGC
circuit adds to all the gains a value in the range -10.5 dB to +10.5 dB (or, extended with bit
AGCRANGE in CR35, -21 dB to 21 dB), in order to obtain an average level at the digital
interface output in the range -6 dB to -30 dB (selected with bits AGCLEV in CR35). The
AGC added gain acts directly in the input gain, to avoid input saturation and improve S/N
ratio, so it cannot exceed the input gain range. When MIC and Line-In inputs are selected
simultaneously the control is performed on the sum of the two, preserving the balance fixed
with input gains. Different values for Attack and Decay constants can be selected,
depending on the kind of signal the AGC has to control (i.e. voice, music). The Attack and
Decay time constants are related to the AD data rate (see bits AGCATT and AGCDEL in
CR34).
4.15
Interrupt request: IRQ pin
STw5095 interrupt request feature can signal to a control device the occurrence of particular
events. Two control registers are used to choose the behavior of IRQ pin: the first is a
Status/Event Register (CR32), where bits can represent the status of an internal function
(i.e. a voltage is above or below a threshold) or an event (i.e. a voltage changed crossing a
threshold); the second is a Mask Register (CR31) where if a bit in the mask is set to 1 then
the corresponding bit in the Status/Event Register can affect IRQ pin status.
The IRQ pin is always active low. At VCC power up an interrupt request is generated by the
Power-On-Reset circuit that sets to 1 bits PORMSK in CR31 and POREV in CR32. After this
event the PORMSK bit should be cleared by the user and bit IRQCMOS in CR33 should be
set according to the application (open drain or CMOS).
When an IRQ event occurs and SPI control interface is selected with no serial output pin it is
still possible to identify the event (and relative status) that generated the interrupt request.
This can be done by setting the IRQ mask/enable bits (in CR31) one at the time (with
successive writings) and reading the IRQ pin status. A simple example of this is the headset
plug-in detection: at first we set bit HSDETMSK=1 in CR31 (with all the other bits set to 0). If
there is an interrupt request then we set HSDETMSK=0 and HSDETEN=1, so we can read
the HSDET status at IRQ pin. Then we read CR32 to clear its content (even if no data is
sent out).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com