Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST108AT1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # QST108AT1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button QST108AT1 Datasheet HTML 31Page - STMicroelectronics QST108AT1 Datasheet HTML 32Page - STMicroelectronics QST108AT1 Datasheet HTML 33Page - STMicroelectronics QST108AT1 Datasheet HTML 34Page - STMicroelectronics QST108AT1 Datasheet HTML 35Page - STMicroelectronics QST108AT1 Datasheet HTML 36Page - STMicroelectronics QST108AT1 Datasheet HTML 37Page - STMicroelectronics QST108AT1 Datasheet HTML 38Page - STMicroelectronics QST108AT1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
QST108
Electrical characteristics
35/51
6.6
Capacitive sensing characteristics
Table 29.
External sensing components
Symbol
Parameter
Min.
Typ.
Max.
Unit
CS
Sense capacitor
100
nF
CX
Equivalent electrode capacitor
100
pF
CT
Equivalent touch capacitor
5
pF
RS
Serial resistor
10
22
kOhm
Table 30.
Capacitive sensing parameters
Symbol
Parameter
Min.
Default
Max.
Unit
tCAL
Calibration duration
2
s
tSetup
Setup duration
100
ms
DI
Detection integrator
12
255
Samples
DeTh
Detection threshold
-128
-10
-1
Counts
EDI
End of detection integrator
12
255
Samples
EofDeTh
End of detection threshold
-128
-6
-1
Counts
PosRecalI
Positive recalibration integrator
12
255
Samples
PosRecalTh
Positive recalibration threshold
115
127
Counts
MaxOnDuration Max on-duration delay
1
Infinite
255
s
PosDiffDrift
Positive differential drift compensation rate
0.1
1
25.5
s/level
NegDiffDrift
Negative differential drift compensation rate
0.1
1
25.5
s/level
PosComDrift
Positive common drift compensation rate
0.1
0.2
25.5
s/level
NegComDrift
Negative common drift compensation rate
0.1
0.2
25.5
s/level
PosDriftI
Positive drift integrator
0
10
255
NegDriftI
Negative drift integrator
0
10
255
ComFact
Common time step factor
0
2
255
DiffFact
Differential time step factor
0
10
255
BurstCount
Burst length
20
2000
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com