Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST108AT1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # QST108AT1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AT1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button QST108AT1 Datasheet HTML 35Page - STMicroelectronics QST108AT1 Datasheet HTML 36Page - STMicroelectronics QST108AT1 Datasheet HTML 37Page - STMicroelectronics QST108AT1 Datasheet HTML 38Page - STMicroelectronics QST108AT1 Datasheet HTML 39Page - STMicroelectronics QST108AT1 Datasheet HTML 40Page - STMicroelectronics QST108AT1 Datasheet HTML 41Page - STMicroelectronics QST108AT1 Datasheet HTML 42Page - STMicroelectronics QST108AT1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
QST108
Electrical characteristics
39/51
6.8
RESET pin
TA = -40°C to 125°C, unless otherwise specified.
Table 33.
RESET pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
VSS − 0.3
0.3x VDD
V
VIH
Input high level voltage
0.7 x VDD
VDD + 0.3
Vhys
Schmitt trigger voltage
hysteresis(1)
1.
Data based on characterization results, not tested in production.
2V
VOL
Output low level
voltage(2)
2.
The IIO current sunk must always respect the absolute maximum rating specified in Table 22: Current
characteristics on page 31 and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
VDD = 5V IIO = +2mA
200
mV
RON
Pull-up equivalent
resistor(3)
3.
The RON pull-up equivalent resistor is based on a resistive transistor. Specified for voltages on RESET pin
between VILmax and VDD.
VIN = VSS
VDD = 5V
30
50
70
k
Ω
VDD = 3V
90(1)
tw(RSTL)out
Generated reset pulse
duration
Internal reset sources
90(1)
μs
th(RSTL)in
External reset pulse
hold time(4)
4.
To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses
applied on RESET pin with a duration below th(RSTL)in can be ignored.
20
μs
tg(RSTL)in Filtered glitch duration
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com