Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB6871S0VO/TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB6871S0VO/TR
Description  QXGA camera module with auto-focus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB6871S0VO/TR Datasheet(HTML) 1 Page - STMicroelectronics

  VB6871S0VO/TR Datasheet HTML 1Page - STMicroelectronics VB6871S0VO/TR Datasheet HTML 2Page - STMicroelectronics VB6871S0VO/TR Datasheet HTML 3Page - STMicroelectronics VB6871S0VO/TR Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2008
Rev 1
1/4
4
VB6871
QXGA camera module with auto-focus
Features
■ 3.2 megapixel sensor (2064 x 1544)
■ 1.75 µm pixel size, 1/4 inch optical format
■ RGB Bayer color filter array
■ Auto-focus mechanism with simple control
interface
■ Multi-element, high quality lens
■ MDDI type 1 host / serial interface
– 450 Mbps data transfer
– differential data and strobe signalling
■ On-board 10-bit ADC
■ Analog binning (2x2)
■ Flash/white-LED support
■ Integrated defect correction
■ Automatic dark level calibration
■ Smooth frame rate control
■ GPIO
■ Ultra low power standby mode
■ Compact size: 8.5 mm x 8.5 mm x 5.9 mm
Description
This datasheet outlines a high performance
3.2 megapixel auto-focus camera module
(VB6871) designed for use across a range of
mobile phone handsets and accessories, via the
VESA-standard MDDI interface.
Designed for both video and high-quality still
image capture, the VB6871 is capable of
generating 3.2 MP raw bayer images at up to
12 fps @10-bit, and 16 fps @8-bit pixel
resolution. Higher frame rates can be achieved
with smaller image sizes, such as 30 fps for
WVGA @10-bit pixel resolution.
The module design is optimized for both footprint
and height. The auto-focus mechanism combined
with a multi-element lens provides excellent
image quality at focus distances from less than
10 cm to infinity.
All external components, including the auto-focus
actuator, are integrated within the camera
module.
VB6871 offers an ultra low power consumption
hardware standby mode consuming less than
30 µW (typ.).
www.st.com


Similar Part No. - VB6871S0VO/TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
3.2 Megapixel QXGA camera module with auto focus
12-Jan-2007
VB6850S02I/T2 STMICROELECTRONICS-VB6850S02I/T2 Datasheet
134Kb / 5P
3.2 Megapixel QXGA camera module with auto focus
12-Jan-2007
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VB6851S0VO/T2 STMICROELECTRONICS-VB6851S0VO/T2 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
More results

Similar Description - VB6871S0VO/TR

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L4492 HAMAMATSU-L4492 Datasheet
105Kb / 2P
Low forward voltage LED for camera auto-focus
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
3.2 Megapixel QXGA camera module with auto focus
12-Jan-2007
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
logo
OmniVision Technologies...
OV05623-G00A OMNIVISION-OV05623-G00A Datasheet
151Kb / 2P
high performance auto-focus module for camera phones
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
Auto Focus/Auto Iris Infrared LED Camera
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
logo
STMicroelectronics
VS6955CA STMICROELECTRONICS-VS6955CA Datasheet
1Mb / 90P
5.0 megapixel fixed-focus camera module
02-Nov-2015
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
QXGA EDOF camera module
09-Sep-2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com