Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VT5366_06 Datasheet HTML 4Page - STMicroelectronics VT5366_06 Datasheet HTML 5Page - STMicroelectronics VT5366_06 Datasheet HTML 6Page - STMicroelectronics VT5366_06 Datasheet HTML 7Page - STMicroelectronics VT5366_06 Datasheet HTML 8Page - STMicroelectronics VT5366_06 Datasheet HTML 9Page - STMicroelectronics VT5366_06 Datasheet HTML 10Page - STMicroelectronics VT5366_06 Datasheet HTML 11Page - STMicroelectronics VT5366_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Design notes
VT5366
8/30
3.4
Driving the navigation LED
The VT5366 provides an output (TRK_LED) to drive the LED that is used to illuminate the
mousing surface. This output is active HIGH but cannot be used to drive the navigation LED
directly. An external NPN bipolar transistor is recommended as shown in the reference
schematic (
Figure 6). The maximum current through the LED is controlled by a resistor (R1
on the Reference Schematic).
Note:
The navigation LED, controlled by the VT5366, is used in a non-continuous mode. The duty
cycle of the LED is varied by the exposure controller inside the VT5366 and has a maximum
value of 40 % (on very dark surfaces).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com