Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VT5366_06 Datasheet HTML 7Page - STMicroelectronics VT5366_06 Datasheet HTML 8Page - STMicroelectronics VT5366_06 Datasheet HTML 9Page - STMicroelectronics VT5366_06 Datasheet HTML 10Page - STMicroelectronics VT5366_06 Datasheet HTML 11Page - STMicroelectronics VT5366_06 Datasheet HTML 12Page - STMicroelectronics VT5366_06 Datasheet HTML 13Page - STMicroelectronics VT5366_06 Datasheet HTML 14Page - STMicroelectronics VT5366_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VT5366
Wireless reference design board
11/30
4.2
Bill of materials
Table 2.
Bill of materials: main components
Ref.
Description
Manufacturer
Part Number
366 Block
U1
Optical Mouse sensor
STMicroelectronics
VT5366V032
X1
6MHz resonator
D1
Navigation LED
See
Chapter 8: LED selection
Q1
NPN bipolar transistor to drive
D1
Standard component - many suppliers
C1, C2
4u7 tantalum capacitor
Standard component - many suppliers
C3-C5
100 nF ceramic capacitor
Standard component - many suppliers
R1
100
resistor
Standard component - many suppliers
R2-R4
4k7 resistors
Standard component - many suppliers
Processor/RF Block
SW1-4
Switches
Omron
D2F series
SW5
Mechanical encoder
(scroll-wheel)
Alps
EC10E series
Additional items not mounted on the PCB
Optics Assembly
See STV-366-R0X User Manuals
Aperture Stop
See STV-366-R0X User Manuals
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com