Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366V032 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VT5366V032
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366V032 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VT5366V032 Datasheet HTML 9Page - STMicroelectronics VT5366V032 Datasheet HTML 10Page - STMicroelectronics VT5366V032 Datasheet HTML 11Page - STMicroelectronics VT5366V032 Datasheet HTML 12Page - STMicroelectronics VT5366V032 Datasheet HTML 13Page - STMicroelectronics VT5366V032 Datasheet HTML 14Page - STMicroelectronics VT5366V032 Datasheet HTML 15Page - STMicroelectronics VT5366V032 Datasheet HTML 16Page - STMicroelectronics VT5366V032 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VT5366
Operation
13/30
:
Table 5.
Reg [#0x05] - IO_Control
Add
Bits
Name
R/W
Default
Description
0x05
[0]
Motion
R/W
0
If set, this bit sets MOTION pin
HIGH, otherwise sets it low.
[1]
Power_Down
RO
This bit reflects the actual value
of the signal on the
POWER_DOWN pin.
[2]
Motion PIN polarity
R/W
0
0: MOTION is high to indicate
that motion has been received
1: MOTION is low to indicate
that motion has been received
[3]
Motion PIN OD mode
R/W
0
0: MOTION output is CMOS
1.8V
1: MOTION output is OpenDrain
5V tolerant.
Table 6.
Reg [#0x20]: Clear_Motion
Add
Bits
Name
R/W
Default
Description
0x20
[0]
Empties Motion
accumulators
R/W
0
This bit clears both X & Y
accumulators from the current
reported value.
In case of severe overflows
generated by great motion
values, several poll motions may
be needed to completely flush
out motion from the integrator.
[1]
Enable Automatic motion
integrators to empty
automatically when reading
0
For X/Y motion reads via I2C i/f,
it is recommended that this bit is
set to 1 at power-up by the
master.
This way X & Y motion registers
are actually cleared
automatically after their
respective read.
X/Y motion registers should be
read in a multiple read
sequence.
Table 7.
Reg [#0x21]: X_motion
Add
Bits
Name
R/W
Default
Description
0x21
[7:0]
X_motion
RO
0000_0000
This register holds the overall X
movement data since last polling
was done.
Value is 8 bit 2’s complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com